Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. TCA965B
Description  Window Discriminator(Bipolar IC)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 2 page
background image
TCA 965 B
Semiconductor Group
2
1998-02-10
Functional Description
Amplifier Amp 3 increases the voltage of the reference source
R to V
Stab = 2 x VREF. The
amplification factor can be altered by external wiring. With direct setting of the window,
the input voltage appears on amplifier Amp 1 (
V
8),
the upper edge voltage on
comparator K2 (
V
6) and the lower edge voltage on comparator K1 (V7).
With indirect setting of the window, the input voltage appears on inputs
V
6 and V7, while
the center voltage is connected to amplifier A1 (
V
8).
The voltage applied to the input (
V
9) of amplifier Amp 2 is subtracted symmetrically from
the output voltage of amplifier Amp 1 and added. The comparators switch with
hysteresis. The logic gates have open-collector outputs.
If the inhibit input A or B is connected to ground, output A or B will always be high.
Block Diagram
Outputs A, B, C, D are open-collector
IEB00091
20 k
20 k
Amp 3
R
_
+
_
+
+
_
K1
K2
Amp 1
Amp 2
1
1
1
1
V = 1
V = 1
11
1
5
S
+
VV
REF
2
10
4
13
3
12
14
V
Stab
A
Inhibit A
C
D
Inhibit B
B
7
8
9
6
V
7
V
8
V
9
V
6
_
<




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCA965BWindow Discriminator 1 2 3 4 5 MoreSiemens Semiconductor Group
MGS13002DInsulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate 1 2 3 4 5 MoreMotorola, Inc
MHW1916Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
NTE3300Insulated Gate Bipolar Transistor N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
MGP4N60EInsulated Gate Bipolar Transistor 1 2 3 4 5 ON Semiconductor
2PG402Insulated Gate Bipolar Transistor 1 2 Panasonic Semiconductor
BUK856-800AInsulated Gate Bipolar Transistor IGBT 1 2 3 4 5 MoreNXP Semiconductors
MC4558WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TB6500AH2 PHASE BIPOLAR STEPPER + FULL BRIDGE DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
BGA312Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl