Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. TCA965B
Description  Window Discriminator(Bipolar IC)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 13 page
background image
TCA 965 B
Semiconductor Group
13
1998-02-10
Definition of the Offset Voltage
V
IO
IES00299
B
V
L
V
U
V
10
V
8
t
V
9
-
V
10 =
V
L - VU
V
8 - V9
2
- ()
V
10
V L V U
+
2
---------------------
V
8
V
9 )
(
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCA965BWindow Discriminator 1 2 3 4 5 MoreSiemens Semiconductor Group
MGS13002DInsulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate 1 2 3 4 5 MoreMotorola, Inc
MHW1916Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
NTE3300Insulated Gate Bipolar Transistor N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
MGP4N60EInsulated Gate Bipolar Transistor 1 2 3 4 5 ON Semiconductor
2PG402Insulated Gate Bipolar Transistor 1 2 Panasonic Semiconductor
BUK856-800AInsulated Gate Bipolar Transistor IGBT 1 2 3 4 5 MoreNXP Semiconductors
MC4558WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TB6500AH2 PHASE BIPOLAR STEPPER + FULL BRIDGE DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
BGA312Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl