Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA965B Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TCA965B
Description  Window Discriminator(Bipolar IC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA965B Datasheet(HTML) 1 Page - Infineon Technologies AG

  TCA965B Datasheet HTML 1Page - Infineon Technologies AG TCA965B Datasheet HTML 2Page - Infineon Technologies AG TCA965B Datasheet HTML 3Page - Infineon Technologies AG TCA965B Datasheet HTML 4Page - Infineon Technologies AG TCA965B Datasheet HTML 5Page - Infineon Technologies AG TCA965B Datasheet HTML 6Page - Infineon Technologies AG TCA965B Datasheet HTML 7Page - Infineon Technologies AG TCA965B Datasheet HTML 8Page - Infineon Technologies AG TCA965B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The window discriminator compares an input voltage to a defined voltage window. The
digital outputs show whether the input voltage is below, within or above this window.
The TCA 965 B window discriminator is especially suitable as a tracking or
compensating controller with a dead band in control engineering and for the selection of
DC voltages within a certain tolerance of the required setpoint value in measurement
engineering. When it is used as a Schmitt trigger, switching frequencies up to a typical
value of 50 kHz are possible.
Type
Ordering Code
Package
s TCA 965 B
Q67000-A8338
P-DIP-14-1
s Not for new design
Window Discriminator
Preliminary
Bipolar IC
P-DIP-14-1
Features
q
Two window settings
– direct setting of lower and upper edge
voltage (window edges)
– indirect setting by window center
voltage and half window width
q
Adjustable hysteresis
q
Digital outputs with open collectors
for currents up to 50 mA
q
Adjustable reference voltage
V
Stab
Semiconductor Group
1
1998-02-10
TCA 965 B


Similar Part No. - TCA965B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA965B SIEMENS-TCA965B Datasheet
134Kb / 17P
   Window Discriminator
More results

Similar Description - TCA965B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA965B SIEMENS-TCA965B Datasheet
134Kb / 17P
   Window Discriminator
logo
Rohm
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
BA7025L ROHM-BA7025L Datasheet
155Kb / 6P
   SECAM discriminator IC
logo
Mitsumi Electronics, Co...
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
logo
List of Unclassifed Man...
TBB042G ETC-TBB042G Datasheet
122Kb / 4P
   Bipolar IC
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
   Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
   Discriminator
logo
List of Unclassifed Man...
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
   BIPOLAR IC
logo
Siemens Semiconductor G...
TLE3101 SIEMENS-TLE3101 Datasheet
534Kb / 17P
   BIPOLAR IC
logo
Fairchild Semiconductor
FAN8903 FAIRCHILD-FAN8903 Datasheet
286Kb / 16P
   Power Window Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com