Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP05N20GH-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP05N20GH-HF
Description  Fast Switching Characteristics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP05N20GH-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP05N20GH-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP05N20GH-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP05N20GH-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP05N20GH-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP05N20GH-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP05N20GH/J-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction
Fig 4. Normalized On-Resistance
Temperature
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D =5A
V GS =10V
0
2
4
6
8
10
12
0
8
16
24
32
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
8.0V
7.0V
6.0V
V G =5.0V
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.4
0.8
1.2
1.6
2
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D =1mA
0
4
8
12
16
0
8
16
24
32
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
7.0V
6.0V
V G =5.0V
I D =1mA


Similar Part No. - AP05N20GH-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP05N20GH-HF A-POWER-AP05N20GH-HF_14 Datasheet
66Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP05N20GH-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762I-A-HF A-POWER-AP2762I-A-HF_14 Datasheet
91Kb / 4P
   Fast Switching Characteristics
AP2762S-A-HF A-POWER-AP2762S-A-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
   Fast Switching Characteristics
AP09N70P-H A-POWER-AP09N70P-H_14 Datasheet
69Kb / 4P
   Fast Switching Characteristics
AP4002I-HF A-POWER-AP4002I-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
AP01L60H-HF A-POWER-AP01L60H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP01L60T-HF A-POWER-AP01L60T-HF_16 Datasheet
56Kb / 5P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristics
AP09N20BGH-HF A-POWER-AP09N20BGH-HF_16 Datasheet
98Kb / 5P
   Fast Switching Characteristics
AP09N20H-HF A-POWER-AP09N20H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP92T03GH-HF A-POWER-AP92T03GH-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com