Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA785 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. TCA785
Description  Phase Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 4 page
background image
Semiconductor Group
4
TCA 785
Unit
Parameter
Symbol
min.
max.
Limit Values
Absolute Maximum Ratings
V
Supply voltage
VS
– 0.5
18
mA
Output current at pin 14, 15
IQ
– 10
400
K/W
Thermal resistance
system - air
Rth SA
80
V
V
V
Inhibit voltage
Control voltage
Voltage short-pulse circuit
V6
V11
V13
– 0.5
– 0.5
– 0.5
VS
VS
VS
µA
Synchronization input current
V5
– 200
± 200
V
Output voltage at pin 14, 15
VQ
VS
mA
Output current at pin 2, 3, 4, 7
IQ
10
V
Output voltage at pin 2, 3, 4, 7
VQ
VS
˚C
˚C
Junction temperature
Storage temperature
Tj
Tstg
– 55
150
125
Operating Range
V
Supply voltage
VS
818
Hz
Operating frequency
f
10
500
˚C
Ambient temperature
TA
– 25
85
Characteristics
8
VS 18 V; – 25 ˚C TA 85 ˚C; f = 50 Hz
Unit
Parameter
Symbol
min.
max.
Limit Values
Test
Circuit
typ.
mA
Supply current consumption
S1 … S6 open
V11 = 0 V
C 10 = 47 nF; R 9 = 100 k
IS
4.5
1
6.5
10
µA
mV
Synchronization pin 5
Input current
R 2 varied
Offset voltage
I5 rms
V5
30
1
4
30
200
75
V
k
Control input pin 11
Control voltage range
Input resistance
V11
R11
0.2
1
5
15
V10 peak




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT503PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
C350MPhase Control SCR 115 Amperes Average 1600 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
C430Phase Control SCR 680 Amperes Avg 500-1300 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
C702LCPhase Control SCR 1000 Amperes Avg 2300-3200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
CR400FMPhase Control SCR 400 Amperes Avg 1400-1800 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
FT500AHPhase Control SCR 320 Amperes Avg 3000-4000 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
T7600130Phase Control SCR 300 Amperes Avg 100-2000 Volts 1 2 3 4 Powerex Power Semiconductors
UAA145Phase Control Circuit for Industrial Applications 1 2 3 4 5 MoreTEMIC Semiconductors
DCR1279SDPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl