Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP03N70H-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP03N70H-HF
Description  Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP03N70H-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP03N70H-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP03N70H-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP03N70H-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP03N70H-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP03N70H-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP03N70H/J-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
600V
▼ Fast Switching Speed
RDS(ON)
3.6Ω
▼ Simple Drive Requirement
ID
3.3A
▼ RoHS Compliant
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Drain Current, VGS @ 10V
A
ID@TC=100℃
Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
2.3
/W
Rthj-a
62.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
110
/W
Data & specifications subject to change without notice
Halogen-Free Product
Maximum Thermal Resistance, Junction-ambient (PCB mount)
4
201509105
2.1
3.3
600
Rating
Storage Temperature Range
Linear Derating Factor
-55 to 150
0.44
54.3
13.2
Parameter
2.5
Parameter
-55 to 150
31
1
+30
G
D
S
G
D
S
TO-252(H)
G
D S
TO-251(J)
AP03N70 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and
fast switching performance. It provides the designer with an extreme
efficient device for use in a wide range of power applications.
The TO-252 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and suited
for high current application due to the low connection resistance. The
through-hole
version
(AP03N70J)
are available
for low-profile
applications.
.


Similar Part No. - AP03N70H-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP03N70H-H A-POWER-AP03N70H-H Datasheet
40Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AP03N70H-H-HF DOINGTER-AP03N70H-H-HF Datasheet
749Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Advanced Power Electron...
AP03N70H-H-HF A-POWER-AP03N70H-H-HF_14 Datasheet
69Kb / 4P
   Fast Switching Speed
More results

Similar Description - AP03N70H-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com