Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZR1Z040A001 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # TZR1Z040A001
Description  Ceramic Trimmer Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZR1Z040A001 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button TZR1Z040A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZR1Z040A001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
8
6
4
2
20
–25
85
–2
–4
–6
–8
–10
–12
Z010 (NP0±300 ppm/°C)
Temp.(°C)
c Temperature Characteristics
TZR1Z010
8
6
4
2
20
–25
85
–2
–4
–6
–8
–10
–12
Z1R5 (NP0±300 ppm/°C)
Temp.(°C)
TZR1Z1R5
8
6
4
2
20
–25
85
–2
–4
–6
–8
–10
–12
Z040 (NP0±500 ppm/°C)
Temp.(°C)
TZR1Z040
8
6
4
2
20
–25
85
–2
–4
–6
–8
–10
–12
R080 (N750±500 ppm/°C)
Temp.(°C)
TZR1R080
10000
1000
100
10
1
0
0246
Frequency (GHz)
0.55pF set
1.0pF set
Z010
Q
810
c Frequency Characteristics
TZR1Z010
10000
1000
100
10
1
0
0246
Frequency (GHz)
0.7pF set
1.5pF set
Z1R5
Q
810
TZR1Z1R5
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
2500
Frequency (MHz)
Z040
TZR1Z040
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
Frequency (MHz)
R080
TZR1R080
T13E.pdf
Mar.12,2015
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - TZR1Z040A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZR1Z040A001 MURATA-TZR1Z040A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZR1Z040A001 MURATA-TZR1Z040A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZR1Z040A001B00 MURATA-TZR1Z040A001B00 Datasheet
211Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZR1Z040A001B00 MURATA1-TZR1Z040A001B00 Datasheet
322Kb / 3P
   Ultra-small and thin with external dimensions of 1.5(W)x1.7(L)x0.85(H)mm
Last updated06/17/2022
TZR1Z040A001B00 MURATA1-TZR1Z040A001B00_V01 Datasheet
322Kb / 3P
   Ultra-small and thin with external dimensions of 1.5(W)x1.7(L)x0.85(H)mm
Last updated06/17/2022
More results

Similar Description - TZR1Z040A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com