Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F573 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F573
Description  Octal D-Type Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F573 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F573 Datasheet HTML 1Page - National Semiconductor (TI) 74F573 Datasheet HTML 2Page - National Semiconductor (TI) 74F573 Datasheet HTML 3Page - National Semiconductor (TI) 74F573 Datasheet HTML 4Page - National Semiconductor (TI) 74F573 Datasheet HTML 5Page - National Semiconductor (TI) 74F573 Datasheet HTML 6Page - National Semiconductor (TI) 74F573 Datasheet HTML 7Page - National Semiconductor (TI) 74F573 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
LE
Latch Enable Input (Active HIGH)
1010
20 mA b06 mA
OE
TRI-STATE Output Enable Input
1010
20 mA b06 mA
(Active LOW)
O0–O7
TRI-STATE Latch Outputs
15040(333)
b
3 mA24 mA (20 mA)
Functional Description
The ’F573 contains eight D-type latches with 3-state output
buffers When the Latch Enable (LE) input is HIGH data on
the Dn inputs enters the latches In this condition the latch-
es are transparent ie a latch output will change state each
time its D input changes When LE is LOW the latches store
the information that was present on the D inputs a setup
time preceding the HIGH-to-LOW transition of LE The 3-
state buffers are controlled by the Output Enable (OE) input
When OE is LOW the buffers are in the bi-state mode
When OE is HIGH the buffers are in the high impedance
mode but this does not interfer with entering new data into
the latches
Function Table
Inputs
Outputs
OE
LE
D
O
LH
H
H
LH
L
L
LL
X
O0
HX
X
Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
O0 e Value stored from previous clock cycle
Logic Diagram
TLF9566 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2


Similar Part No. - 74F573

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
74F573 TI-74F573 Datasheet
373Kb / 10P
[Old version datasheet]   54F573 74F573 Octal D-Type Latch with TRI-STATE(RM) Outputs
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74F573PC FAIRCHILD-74F573PC Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74F573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com