Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25N120AN Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # FGA25N120AN
Description  High speed switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

FGA25N120AN Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  FGA25N120AN Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 3mA
1200
--
--
V
∆B
VCES/
∆T
J
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 3mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
3
mA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 25mA, VCE = VGE
3.5
5.5
7.5
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 25A,
VGE = 15V
--
2.5
3.2
V
IC = 25A,
VGE = 15V,
TC = 125°C
--
2.9
--
V
IC = 40A,
VGE = 15V
--
3.1
--
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
2100
--
pF
Coes
Output Capacitance
--
180
--
pF
Cres
Reverse Transfer Capacitance
--
90
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 25A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
60
--
ns
tr
Rise Time
--
60
--
ns
td(off)
Turn-Off Delay Time
--
170
--
ns
tf
Fall Time
--
45
90
ns
Eon
Turn-On Switching Loss
--
4.8
7.2
mJ
Eoff
Turn-Off Switching Loss
--
1.0
1.5
mJ
Ets
Total Switching Loss
--
5.7
8.7
mJ
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 25A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
60
--
ns
tr
Rise Time
--
60
--
ns
td(off)
Turn-Off Delay Time
--
180
--
ns
tf
Fall Time
--
70
--
ns
Eon
Turn-On Switching Loss
--
5.5
--
mJ
Eoff
Turn-Off Switching Loss
--
1.4
--
mJ
Ets
Total Switching Loss
--
6.9
--
mJ
Qg
Total Gate Charge
VCE = 600 V, IC = 25A,
VGE = 15V
--
200
300
nC
Qge
Gate-Emitter Charge
--
15
23
nC
Qgc
Gate-Collector Charge
--
105
160
nC
Le
Internal Emitter Inductance
Measured 5mm from PKG
--
14
--
nH
FGA25N120AN
www.kersemi.com
2014-8-14
2


Similar Part No. - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120AN FAIRCHILD-FGA25N120AN Datasheet
460Kb / 7P
   IGBT
logo
Inchange Semiconductor ...
FGA25N120AN ISC-FGA25N120AN Datasheet
377Kb / 4P
   IGBT
logo
Fairchild Semiconductor
FGA25N120AND FAIRCHILD-FGA25N120AND Datasheet
567Kb / 8P
   IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
More results

Similar Description - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com