Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF55V10S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SRF55V10S
Description  Security & Chip Card ICs (my-d vicinity)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SRF55V10S Datasheet(HTML) 3 Page - Infineon Technologies AG

  SRF55V10S Datasheet HTML 1Page - Infineon Technologies AG SRF55V10S Datasheet HTML 2Page - Infineon Technologies AG SRF55V10S Datasheet HTML 3Page - Infineon Technologies AG SRF55V10S Datasheet HTML 4Page - Infineon Technologies AG SRF55V10S Datasheet HTML 5Page - Infineon Technologies AG SRF55V10S Datasheet HTML 6Page - Infineon Technologies AG SRF55V10S Datasheet HTML 7Page - Infineon Technologies AG SRF55V10S Datasheet HTML 8Page - Infineon Technologies AG SRF55V10S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
my-d vicinity
SRF 55V10S
Short Product Information
3 / 10
2002-07-30
Intelligent 10–KBit EEPROM
with Contactless Interface complying to ISO/IEC 15693
and Security Logic
my-d vicinity – Secure Mode Operation
Features
• 10-KBit EEPROM
Organised in 128 pages located in up to 16 sectors
Each page organised in 8 bytes for data storage + 2 bytes for administrative purposes
Configurable number of sectors (1 to 15) & sector size (1 up to 128 pages)
Service Area 4 pages
Configurable Key Area with up to 14 key pairs
Configurable User Area
Unique chip identification number
• Smart Electronic Article Surveillance (EAS)
Easy Integration in existing infrastructure
On/Off EAS switch feature
• Value Counters: up to 65536 units (with a value range from 0 to 216-1)
Each page in User Area configurable as a Counter
Support of Anti-Tearing
• High Security Authentication Unit (optional use)
2-way (mutual) authentication with 64-bit secret key between reader and label
2 keys for each sector allow hierarchical key management
Multi-level security structure possible
Individual access rights for each key within a sector for each page
Only one sector can be opened at a time
Data integrity supported by 16 bit CRC (ISO 3309) and 32 bit MAC (after authentication)
• Access protection of EEPROM by transport keys on chip delivery (optional use)
• Physical Interface and Anticollision complying to ISO/IEC 15693
Carrier frequency: 13.56 MHz
up to 26 kbit/s data rate transfer
Anticollision method complying with ISO/IEC 15693 with identification of up to 30 tags/sec
Contactless transmission of data and supply energy
Coupling distance from 0 to 120 cm (typical, dependent on antenna)
• EEPROM updating (erase and program) time maximum 4 ms per page
• EEPROM endurance minimum 10
5 write/erase cycles1)
• Data retention for minimum of 10 years
1)
• ESD protection typical 4 kV
• Ambient temperature –25 …
… +85°C for chip and MCC, –25 …
… +70°C for Inlay
1)
Values are temperature dependent


Similar Part No. - SRF55V10S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PC INFINEON-SRF55V10PC Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PMCC8 INFINEON-SRF55V10PMCC8 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY1.0 INFINEON-SRF55V10PY1.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V10PY2.0 INFINEON-SRF55V10PY2.0 Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
More results

Similar Description - SRF55V10S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V02S INFINEON-SRF55V02S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V02P INFINEON-SRF55V02P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)???
2002-07-30
SRF55V10P INFINEON-SRF55V10P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com