Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS120-7SB-TR Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # ACS120-7SB-TR
Description  AC LINE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACS120-7SB-TR Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button ACS120-7SB-TR Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. ACS120-7SB-TR Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACS120-7SB/SFP/ST
7/11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
IGT
I& I
LH
I
, I , I [T ] / I
, I , I [T = 25°C]
GTHL
j
GTHL
j
T (°C)
j
Fig. 4: Relative variation of gate trigger current,
holding current and latching versus junction
temperature (typical values).
0
1
2
3
4
5
6
7
8
25
50
75
100
125
T (°C)
j
dV/dt [T ] / dV/dt [T = 125°C]
jj
VOUT=460V
Fig. 5: Relative variation of static dV/dt versus
junction temperature.
0
2
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
t=20ms
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =105°C
ab
I
(A)
TSM
Fig. 8: Surge peak on-state current versus number
of cycles.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
45
50
(dI/dt) [(dV/dt) ] / Specified (dI/dt)
cc
c
VOUT=400V
(dV/dt) (V/µs)
c
Fig. 6: Relative variation of critical rate of de-
crease of main current versus reapplied dV/dt
(typical values).
1
10
100
1000
0.01
0.10
1.00
10.00
dI/dt limitation:
50A/µS
t (ms)
p
ITSM
I²t
I
(A), I²t (A²s)
TSM
T initial=25°C
j
Fig. 9: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms, and
corresponding value of I²t.
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
(dI/dt) [Tj] / (dI/dt) [T = 125°C]
cc
j
T (°C)
j
VOUT=400V
Fig. 7: Relative variation of critical rate of decrease
of main current versus junction temperature.
www.kersemi.com


Similar Part No. - ACS120-7SB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS120-7SB-TR STMICROELECTRONICS-ACS120-7SB-TR Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS120-7SB-TR STMICROELECTRONICS-ACS120-7SB-TR Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
More results

Similar Description - ACS120-7SB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
   AC LINE SWITCH
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
   AC LINE SWITCH
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
   AC LINE SWITCH
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
   3-line overvoltage protected AC switch array
July 2013 Rev 1
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com