Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6348A Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # 2N6348A
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

2N6348A Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  2N6348A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. 2N6348A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. 2N6348A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. 2N6348A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. 2N6348A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. 2N6348A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N6344A, 2N6348A, 2N6349A
6
PACKAGE DIMENSIONS
STYLE 4:
PIN 1. MAIN TERMINAL 1
2. MAIN TERMINAL 2
3. GATE
4. MAIN TERMINAL 2
TO−220AB
CASE 221A−07
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.014
0.022
0.36
0.55
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
A
K
L
V
G
D
N
Z
H
Q
F
B
12 3
4
−T− SEATING
PLANE
S
R
J
U
T
C
www.kersemi.com


Similar Part No. - 2N6348A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6348A ONSEMI-2N6348A Datasheet
61Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
2N6348A ONSEMI-2N6348A Datasheet
70Kb / 7P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N6348A NJSEMI-2N6348A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
2N6348AG ONSEMI-2N6348AG Datasheet
70Kb / 7P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 4
More results

Similar Description - 2N6348A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com