Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF55V10P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SRF55V10P
Description  Security & Chip Card ICs (my-d vicinity)?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SRF55V10P Datasheet(HTML) 6 Page - Infineon Technologies AG

  SRF55V10P Datasheet HTML 1Page - Infineon Technologies AG SRF55V10P Datasheet HTML 2Page - Infineon Technologies AG SRF55V10P Datasheet HTML 3Page - Infineon Technologies AG SRF55V10P Datasheet HTML 4Page - Infineon Technologies AG SRF55V10P Datasheet HTML 5Page - Infineon Technologies AG SRF55V10P Datasheet HTML 6Page - Infineon Technologies AG SRF55V10P Datasheet HTML 7Page - Infineon Technologies AG SRF55V10P Datasheet HTML 8Page - Infineon Technologies AG SRF55V10P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
my-d vicinity
SRF 55V10P
Short Product Information
6 / 9
2002-07-30
2
my-d products for contactless systems
my-d products for contactless systems are designed to meet the increased security and flexibility
demand of the market. This family of contactless memories supports the different interface and
memory size needs as well as various security requirements for variable applications.
The product series functional architecture (e.g. memory organisation, authentication) is the same
for both proximity (ISO/IEC 14443) and vicinity (ISO/IEC 15693). This eases the system design
and allows simple adaptation of applications from my-d proximity to my-d vicinity or vice versa.
Applications are supported very flexible by setting the appropriate mode for the my-d product,
starting with plain mode with a page locking mechanism up to various settings in secure mode for
multi user / multi application configurations with tearing protected counters. In secure mode a
strong cryptographic algorithm with 64 bit key length is additionally available for security
mechanisms like mutual authentication and message authentication codes.
Key Area
up to 14 Key Pairs
Legend
Blocks marked by cross hatch - Defined by chip manufacturer
Administration
Area
Control of Memory
Access
User Area
1 up to 15 Sectors
Service Area
Configurable Sector Size
Unique Serial Number
Figure 4 Memory principle of my-d products
These powerful features make the contactless security memory product series my-d ready to cope
with even high-end requirements. Architectural compatibility of all my-d products allow an easy
migration path from simple to powerful demanding applications.


Similar Part No. - SRF55V10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V10S INFINEON-SRF55V10S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
SRF55V10SC INFINEON-SRF55V10SC Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
SRF55V10SMCC8 INFINEON-SRF55V10SMCC8 Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
SRF55V10SY1.0 INFINEON-SRF55V10SY1.0 Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
SRF55V10SY2.0 INFINEON-SRF55V10SY2.0 Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
More results

Similar Description - SRF55V10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRF55V02S INFINEON-SRF55V02S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)?
2002-07-30
SRF55V02P INFINEON-SRF55V02P Datasheet
158Kb / 9P
   Security & Chip Card ICs (my-d vicinity)???
2002-07-30
SRF55V10S INFINEON-SRF55V10S Datasheet
163Kb / 10P
   Security & Chip Card ICs (my-d vicinity)
2002-07-30
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com