Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F112M3A025SH-M746-F09 Datasheet(PDF) 4 Page - Vincotech

Part # 10-F112M3A025SH-M746-F09
Description  3 phase mixed voltage component topology
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F112M3A025SH-M746-F09 Datasheet(HTML) 4 Page - Vincotech

  10-F112M3A025SH-M746-F09 Datasheet HTML 1Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 2Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 3Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 4Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 5Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 6Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 7Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 8Page - Vincotech 10-F112M3A025SH-M746-F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
10-F112M3A025SH-M746F09
10-FY12M3A025SH-M746F08
datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Characteristic Values
Value
Conditions
Tj=25°C
5
5,8
6,5
Tj=125°C
Tj=25°C
1,1
1,53
1,9
Tj=125°C
1,70
Tj=25°C
0,0011
Tj=125°C
Tj=25°C
300
Tj=125°C
Tj=25°C
72
Tj=125°C
74
Tj=25°C
14
Tj=125°C
16
Tj=25°C
131
Tj=125°C
157
Tj=25°C
34
Tj=125°C
69
Tj=25°C
0,31
Tj=125°C
0,39
Tj=25°C
0,38
Tj=125°C
0,53
Thermal resistance chip to heatsink per chip
RthJH
3,09
Tj=25°C
2,18
2,65
Tj=125°C
2,30
Tj=25°C
60
Tj=125°C
Tj=25°C
21
Tj=125°C
24
Tj=25°C
29,9
Tj=125°C
34,7
Tj=25°C
0,7
Tj=125°C
1,5
di(rec)max
Tj=25°C
1972
/dt
Tj=125°C
2214
Tj=25°C
0,14
Tj=125°C
0,38
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
3,65
K/W
3884
F
K
B-value
B(25/100)
K
3964
T=25°C
Vincotech NTC Reference
T=25°C
T=25°C
1200
B-value
B(25/50)
32
none
VCE=VGE
Rgon=16 Ω
Thermal grease
thickness≤50um
λ = 1 W/mK
Rgoff=16 Ω
f=1MHz
Reverse recovery energy
Erec
Reverse recovery time
Peak rate of fall of recovery current
trr
Reverse recovered charge
Diode forward voltage
Reverse leakage current
VF
Ir
20
±15
15
0
15
Qrr
R
IRRM
Power dissipation constant
Power dissipation
P
Thermistor
Deviation of R100
Rated resistance
∆R/R
R100=1486 Ω
-4,5
350
±15
µA
T=25°C
T=25°C
T=100°C
21511
15
8
mW/K
mW
%
3,5
+4,5
210
Tj=25°C
20
600
350
25
0
480
0,0012
20
mA
nA
V
V
ns
Tj=25°C
pF
nC
120
mWs
71
1100
Half Bridge FWD (D1,D4,D5,D8,D9,D12)
Gate charge
0
Rgon=16 Ω
Input capacitance
Output capacitance
Crss
Coss
Cies
tf
Turn-off energy loss per pulse
Fall time
tr
td(on)
Rgint
IGES
ICES
VCE(sat)
QGate
Eoff
td(off)
Eon
Turn-on energy loss per pulse
Turn-off delay time
Collector-emitter saturation voltage
Collector-emitter cut-off incl diode
Rise time
Integrated Gate resistor
Peak reverse recovery current
VGE(th)
Gate emitter threshold voltage
Reverse transfer capacitance
Turn-on delay time
Gate-emitter leakage current
Neutral P. IGBT (T2,T3,T6,T7,T10,T11)
K/W
mWs
µC
V
ns
A/µs
A
15
copyright Vincotech
4
2014.12.18. / Revision: 3


Similar Part No. - 10-F112M3A025SH-M746-F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F112M3A025SH-M746F09 VINCOTECH-10-F112M3A025SH-M746F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
More results

Similar Description - 10-F112M3A025SH-M746-F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F112M3A025SH-M746F09 VINCOTECH-10-F112M3A025SH-M746F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-FY12M3A040SH-M749F08 VINCOTECH-10-FY12M3A040SH-M749F08 Datasheet
2Mb / 26P
   3 phase mixed voltage component topology
10-FZ12NMA080SH01-M260F VINCOTECH-10-FZ12NMA080SH01-M260F Datasheet
1Mb / 27P
   Mixed voltage component topology
10-FZ12NMA080SH-M269F VINCOTECH-10-FZ12NMA080SH-M269F Datasheet
2Mb / 26P
   Mixed voltage component topology
10-F012NME080SH-M910F09Y VINCOTECH-10-F012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-P012NME080SH-M910F09Y VINCOTECH-10-P012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-FZ12NMA080NS03-M260F38 VINCOTECH-10-FZ12NMA080NS03-M260F38 Datasheet
1Mb / 27P
   Mixed voltage component topology
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com