Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FY06NIA100SA-M135F08 Datasheet(PDF) 3 Page - Vincotech

Part # 10-FY06NIA100SA-M135F08
Description  Neutral-point-Clamped inverter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY06NIA100SA-M135F08 Datasheet(HTML) 3 Page - Vincotech

  10-FY06NIA100SA-M135F08 Datasheet HTML 1Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 2Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 3Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 4Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 5Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 6Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 7Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 8Page - Vincotech 10-FY06NIA100SA-M135F08 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
10-xx06NIA100SA-M135Fxx
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,05
1,50
1,85
Tj=150°C
1,73
Tj=25°C
60
Tj=150°C
Tj=25°C
1,4
Tj=150°C
Tj=25°C
160
Tj=150°C
189
Tj=25°C
26
Tj=150°C
31
Tj=25°C
270
Tj=150°C
296
Tj=25°C
100
Tj=150°C
123
Tj=25°C
1,887
Tj=150°C
2,405
Tj=25°C
2,903
Tj=150°C
3,808
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 0,81 W/mK
0,699
K/W
Tj=25°C
1,4
1,70
1,9
Tj=150°C
1,71
Tj=25°C
86
Tj=150°C
113
Tj=25°C
127
Tj=150°C
164
Tj=25°C
5,072
Tj=150°C
9,357
di(rec)max
Tj=25°C
3385
/dt
Tj=150°C
1871
Tj=25°C
1,154
Tj=150°C
2,238
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 0,81 W/mK
1,360
K/W
Note: All characteristic values are related to gates of paralell IGBTs connected together
ns
400
6280
pF
186
620
none
V
mWs
A
V
ns
µA
µA
A/µs
Rgon=8
0
Tj=25°C
Tj=25°C
Buck IGBT
Gate emitter threshold voltage
Integrated Gate resistor
Input capacitance
Turn-on energy loss per pulse
Fall time
Turn-off delay time
Turn-on delay time
Collector-emitter cut-off current incl. Diode
Gate-emitter leakage current
Characteristic Values
Value
Conditions
Collector-emitter saturation voltage
Rise time
Output capacitance
Turn-off energy loss per pulse
Reverse recovered energy
IRRM
Reverse recovered charge
Reverse recovery time
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Buck Diode
Peak rate of fall of recovery current
td(on)
VGE(th)
Rgint
VCE(sat)
ICES
15
20
600
0
f=1MHz
Rgoff=8
Crss
VCE=VGE
Cies
Rgon=8
IGES
Eon
VF
QGate
Erec
Qrr
trr
Coss
tr
td(off)
tf
Eoff
15
25
±15
350
100
0
350
480
±15
0,0016
100
100
V
nC
µC
mWs
100
100
3
Revision: 3
Copyright by Vincotech


Similar Part No. - 10-FY06NIA100SA-M135F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY064PA050SG10-M582F08 VINCOTECH-10-FY064PA050SG10-M582F08 Datasheet
1Mb / 16P
   Low inductive 12mm flow1 package
10-FY06BIA050SG-M523E18 VINCOTECH-10-FY06BIA050SG-M523E18 Datasheet
9Mb / 27P
   Low inductive 12mm flow1 package
10-FY06BIA080MF-M527E58 VINCOTECH-10-FY06BIA080MF-M527E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY06RIA080MF-M537D68 VINCOTECH-10-FY06RIA080MF-M537D68 Datasheet
3Mb / 31P
   Low inductive 12mm flow1 package
More results

Similar Description - 10-FY06NIA100SA-M135F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com