Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-P106NIA100SA-M135FY Datasheet(PDF) 9 Page - Vincotech

Part # 10-P106NIA100SA-M135FY
Description  Neutral-point-Clamped inverter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-P106NIA100SA-M135FY Datasheet(HTML) 9 Page - Vincotech

Back Button 10-P106NIA100SA-M135FY Datasheet HTML 5Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 6Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 7Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 8Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 9Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 10Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 11Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 12Page - Vincotech 10-P106NIA100SA-M135FY Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
10-xx06NIA100SA-M135Fxx
Figure 17
FRED
Figure 18
FRED
Typical rate of fall of forward and reverse recovery current
Typical rate of fall of forward and reverse recovery current
as a function of collector current
as a function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
350
V
VR =
350
V
VGE =
±15
V
IF =
100
A
Rgon =
8
VGE =
±15
V
Figure 19
IGBT
Figure 20
FRED
IGBT transient thermal impedance
FRED transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,699
K/W
RthJH =
1,359
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,05
4,4E+00
0,07
4,4E+00
0,12
9,5E-01
0,19
8,7E-01
0,32
2,0E-01
0,62
1,7E-01
0,12
6,2E-02
0,31
5,7E-02
0,07
1,4E-02
0,13
1,1E-02
0,02
2,8E-03
0,04
1,6E-03
Buck
t p (s)
101
100
10-1
10-2
10-4
10-3
10-2
10-1
100
10
10-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
10
10-
10-
10-
10-
10-
10-
10
10
10-
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dIrec/dt T
dI0/dt T
0
2000
4000
6000
8000
10000
0
8
16
24
32
40
R gon (W)
dIrec/dt T
dIo/dt T
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
140
160
180
200
I C (A)
9
Revision: 3
Copyright by Vincotech


Similar Part No. - 10-P106NIA100SA-M135FY

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-P012NME080SH-M910F09Y VINCOTECH-10-P012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-PY06NRA041FS-M413FY VINCOTECH-10-PY06NRA041FS-M413FY Datasheet
3Mb / 27P
   Neutral point clamped inverter (NPC)
10-PY07BIA050SM-M523E38Y VINCOTECH-10-PY07BIA050SM-M523E38Y Datasheet
337Kb / 9P
   Ultra High-Speed IGBT and Diode
10-PY07HVA050S5-L984F08Y VINCOTECH-10-PY07HVA050S5-L984F08Y Datasheet
308Kb / 7P
   For one-phase solar applications
More results

Similar Description - 10-P106NIA100SA-M135FY

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com