Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-0B06PPA004RC-L023A09 Datasheet(PDF) 9 Page - Vincotech

Part # 10-0B06PPA004RC-L023A09
Description  Converter, PFC, inverter in one housing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-0B06PPA004RC-L023A09 Datasheet(HTML) 9 Page - Vincotech

Back Button 10-0B06PPA004RC-L023A09 Datasheet HTML 5Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 6Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 7Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 8Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 9Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 10Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 11Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 12Page - Vincotech 10-0B06PPA004RC-L023A09 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
10-0B06PPA006RC-L023A09
datasheet
Copyright Vincotech
9
04 Jun. 2015 / Revision 2
Typical output characteristics
IGBT
Typical output characteristics
IGBT
I C = f(V CE)
I C = f(V CE)
t p =
250
µs
25 °C
t p =
250
µs
V GE=
15
V
T j:
125 °C
T j =
150
°C
150 °C
V GE from
7 V to 17 V in steps of 1 V
Typical transfer characteristics
IGBT
Transient thermal impedance as a function of pulse width
IGBT
I C = f(V CE)
Z thJH = f(t p)
t p =
100
µs
25 °C
D =
t p / T
V CE =
10
V
T j:
125 °C
R thJH =
2,14
K/W
150 °C
R
(K/W)
Tau (s)
1,10E-01
1,85E+00
3,05E-01
2,58E-01
8,44E-01
6,42E-02
4,55E-01
1,26E-02
2,79E-01
3,05E-03
1,45E-01
4,84E-04
IGBT thermal model values
0
3
6
9
12
15
0
1
2
3
4
5
6
7
8
VCE (V)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
VCE (V)
0
5
10
15
20
25
30
35
40
45
50
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
VCE (V)
0,01
0,1
1
10
1,00E-04
1,00E-03
1,00E-02
1,00E-01
1,00E+00
1,00E+01
1,00E+02
0,5
0,2
0,1
0,05
0,02
0,01
0,005
0
tp(s)
PFC Switch Characteristics


Similar Part No. - 10-0B06PPA004RC-L023A09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B06PPA004RC-L022A09 VINCOTECH-10-0B06PPA004RC-L022A09 Datasheet
2Mb / 24P
   CONVERTER, PFC, inverter in one housing
10-0B06PPA004RC-L025A09 VINCOTECH-10-0B06PPA004RC-L025A09 Datasheet
3Mb / 29P
   Converter, PFC, inverter in one housing
More results

Similar Description - 10-0B06PPA004RC-L023A09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B06PPA004RC-L022A09 VINCOTECH-10-0B06PPA004RC-L022A09 Datasheet
2Mb / 24P
   CONVERTER, PFC, inverter in one housing
10-0B06PPA006RC-L023A09 VINCOTECH-10-0B06PPA006RC-L023A09 Datasheet
2Mb / 24P
   Converter, PFC, inverter in one housing
10-0B06PPA010RC01-L025A19 VINCOTECH-10-0B06PPA010RC01-L025A19 Datasheet
2Mb / 24P
   Converter, PFC, inverter in one housing
10-0B06PPA010RC-L025A19 VINCOTECH-10-0B06PPA010RC-L025A19 Datasheet
3Mb / 29P
   Converter, PFC, inverter in one housing
10-0B06PPA004RC-L025A09 VINCOTECH-10-0B06PPA004RC-L025A09 Datasheet
3Mb / 29P
   Converter, PFC, inverter in one housing
10-0B06PPA010RC-L025A09 VINCOTECH-10-0B06PPA010RC-L025A09 Datasheet
2Mb / 24P
   Converter, PFC, inverter
logo
ON Semiconductor
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
logo
ON Semiconductor
STK5MFU3C1A-E ONSEMI-STK5MFU3C1A-E Datasheet
681Kb / 17P
   2-in-1 PFC and Inverter Intelligent Power Module
September 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com