Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15KPA24AN Datasheet(PDF) 5 Page - Protek Devices

Part # SM15KPA24AN
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA24AN Datasheet(HTML) 5 Page - Protek Devices

  SM15KPA24AN Datasheet HTML 1Page - Protek Devices SM15KPA24AN Datasheet HTML 2Page - Protek Devices SM15KPA24AN Datasheet HTML 3Page - Protek Devices SM15KPA24AN Datasheet HTML 4Page - Protek Devices SM15KPA24AN Datasheet HTML 5Page - Protek Devices SM15KPA24AN Datasheet HTML 6Page - Protek Devices SM15KPA24AN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 5
SM15KPA17AN - SM15KPA480CAN
SMD-15 PACKAGE INFORMATION
PACKAGE OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
5.15
5.50
0.197
0.217
B
8.10
8.25
0.319
0.325
C
1.40
1.55
0.055
0.061
D
2.45
2.65
0.096
0.104
E
10.25
11.05
0.405
0.435
G
0.70
0.80
0.026
0.034
J
5.08
5.59
0.200
0.220
K
11.75
12.62
0.463
0.497
M
0.42
0.58
0.017
0.023
N
3.15
3.45
0.124
0.136
A
C
D
E
N
G
K
M
TOP VIEW
SIDE VIEW
ANODE
CATHODE
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - SM15KPA24AN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM15KPA24AN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com