Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15KPA17A Datasheet(PDF) 2 Page - Protek Devices

Part # SM15KPA17A
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA17A Datasheet(HTML) 2 Page - Protek Devices

  SM15KPA17A_15 Datasheet HTML 1Page - Protek Devices SM15KPA17A_15 Datasheet HTML 2Page - Protek Devices SM15KPA17A_15 Datasheet HTML 3Page - Protek Devices SM15KPA17A_15 Datasheet HTML 4Page - Protek Devices SM15KPA17A_15 Datasheet HTML 5Page - Protek Devices SM15KPA17A_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05293.R6 12/15
Page 2
SM15KPA17A - SM15KPA220CA
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15,000
Watts
Forward Surge Rating
I
F
200
Amps
Steady State Power Dissipation
P
P
1.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
UNIDIRECTIONAL
PART
NUMBER
(Notes 1 - 2)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µS
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
MIN
V
(BR)
VOLTS
@I
T
mA
SM15KPA17A
17A
17.0
18.9
50
5000
29.3V @ 512.0A
17
SM15KPA30A
30A
30.0
33.3
5
15
50.7V @ 296.0A
34
SM15KPA33A
33A
33.0
36.7
5
10
54.8V @ 274.0A
38
SM15KPA48A
48A
48.0
53.3
5
10
77.7V @ 193.0A
56
NOTES
1. Devices shown are preferred voltages. Consult factory for additional voltages.
2. V
F(MAX) = 15 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional configuration only.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
BIDIRECTIONAL
PART
NUMBER
(Note 1)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µS
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
MIN
V
(BR)
VOLTS
@I
T
mA
SM15KPA30CA
30C
30.0
33.3
5
15
50.7V @ 296.0A
34
SM15KPA43CA
43C
43.0
47.8
5
10
69.7V @ 215.0A
50
SM15KPA54CA
54C
54.0
60.0
5
10
87.5V @ 171.0A
63
SM15KPA58CA
58C
58.0
64.4
5
10
94.0V @ 160.0A
68
SM15KPA78CA
78C
78.0
86.7
5
10
126.0V @ 119.0A
93
SM15KPA220CA
220C
220.0
245.0
5
10
356.0V @ 42.0A
269
NOTES
1. Devices shown are preferred voltages. Consult factory for additional voltages.


Similar Part No. - SM15KPA17A_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM15KPA17A_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com