Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMPS150E-1206 Datasheet(PDF) 2 Page - Protek Devices

Part # PMPS150E-1206
Description  POLYMER PTC DEVICE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMPS150E-1206 Datasheet(HTML) 2 Page - Protek Devices

  PMPS150E-1206 Datasheet HTML 1Page - Protek Devices PMPS150E-1206 Datasheet HTML 2Page - Protek Devices PMPS150E-1206 Datasheet HTML 3Page - Protek Devices PMPS150E-1206 Datasheet HTML 4Page - Protek Devices PMPS150E-1206 Datasheet HTML 5Page - Protek Devices PMPS150E-1206 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05430.R1 10/13
Page 2
PMPS150E-1206
TYPICAL DEVICE CHARACTERISTICS
TEST PROCEDURES AND REQUIREMENTS
TEST
CONDITIONS
ACCEPTANCE CRITERIA
Resistance
In Still Air @ 25°C
R
min <= R <= Rmax
Time to Trip (T
Trip)
Specified Current V
max - In Still Air @ 25°C
T <= Max Time to Trip
Holding Current (I
H)
30 Minutes at I
H - In Still Air @ 25°C
No Trip
Trip Life Cycle
V
max, Imax, 100 Cycles - In Still Air @ 25°C
No Arcing or Burning
Trip Endurance
V
max, 60 Minutes - In Still Air @ 25°C
No Arcing or Burning
Ambient Temperature - °C
FIGURE 1
THERMAL DERATING CURVE
(Rated Holding Current at Ambient Temperature)
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
40
60
80
100
120
140
160
MAXIMUM AMBIENT OPERATING TEMPERATURES - °C
BASE PART NUMBER
PMPS150E-1206
T (°C)
-40
-20
0
25
40
50
60
70
85
I
H(Max)
2.21
1.97
1.72
1.50
1.27
1.11
1.00
0.89
0.69


Similar Part No. - PMPS150E-1206

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
More results

Similar Description - PMPS150E-1206

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
   POLYMER PTC DEVICE
PMPS-E-1206 PROTEC-PMPS-E-1206_15 Datasheet
392Kb / 7P
   POLYMER PTC DEVICE
PMPS075_1812 PROTEC-PMPS075_1812_15 Datasheet
394Kb / 6P
   POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS380E_1206 PROTEC-PMPS380E_1206_15 Datasheet
545Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
PLRO1206-300 PROTEC-PLRO1206-300 Datasheet
441Kb / 5P
   POLYMER PTC DEVICE
PMPS200D-1210 PROTEC-PMPS200D-1210 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com