Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0402F1.25 Datasheet(PDF) 1 Page - Protek Devices

Part # PF0402F1.25
Description  Fast acting chip fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0402F1.25 Datasheet(HTML) 1 Page - Protek Devices

  PF0402F1.25 Datasheet HTML 1Page - Protek Devices PF0402F1.25 Datasheet HTML 2Page - Protek Devices PF0402F1.25 Datasheet HTML 3Page - Protek Devices PF0402F1.25 Datasheet HTML 4Page - Protek Devices PF0402F1.25 Datasheet HTML 5Page - Protek Devices PF0402F1.25 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05419.R2 8/13
Page 1
PF0402F Series
FaSt acting chiP FuSeS
DeScRiPtion
The PF0402F Series are fast acting chip fuses that are designed to protect consumer electronics, computers and tele-
commincations equipment and devices from the risk of fire or shock caused by over-currents.
The PF0402F Series is available in a rugged ceramic and glass package. These devices have excellent environmental
performance.
FeatuReS
• Fast Acting for Excessive Current
• Compatible with Reflow and Wave Solder
• Excellent Environmental Performance
• RoHS & REACH Compliant
• Halogen-Free Material
• Life Test: 30°C ±2°C, 75% Rated Current, 1000 Hours
• Humidity Bias: MIL-STD-202, Method 103
• Thermal Shock: MIL-STD-202, Method 107G
• Board Flex: AEC-Q200-005, Appendix 2 (1mm Min)
• Vibration: MIL-STD-202, Method 204D
• Solderability: MIL-STD-202, Method 208H
• Resistance to Solder Heat: MIL-STD-202, Method 210A
aPPlicationS
• Telecommications Equipment - DSL/Cable Modems
• SMART Phones and other Handheld Devices
• Computers - Laptops, Desktops, Servers
• Computer Peripherials - Printers, LCD Panels, Scanners
• Consumer Electronics - DVD Player, MP3/4 Player
Mechanical chaRacteRiSticS
• Ceramic and Glass Package
• Approximate Weight: TBA grams
• Lead-Free
• Soldering Method
Reflow Soldering: 260°C, 5s Max
electRical chaRacteRiSticS
aMPeRe Rating
% oF aMP Rating
oPening tiMe
200mA - 4A
100%
4 Hours Minimum
200mA - 4A
250%
5 Seconds Maximum
FuSe


Similar Part No. - PF0402F1.25

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PF0410-100-JB RCD-PF0410-100-JB Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBQ RCD-PF0410-100-JBQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBW RCD-PF0410-100-JBW Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JT RCD-PF0410-100-JT Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JTQ RCD-PF0410-100-JTQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
More results

Similar Description - PF0402F1.25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
   Fast-Acting Chip Fuses
logo
Protek Devices
PF0603F PROTEC-PF0603F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF1206F PROTEC-PF1206F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF0603F PROTEC-PF0603F Datasheet
471Kb / 6P
   Fast acting chip fuses
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
   Fast acting chip fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
TR0603FA2-R COOPER-TR0603FA2-R Datasheet
560Kb / 2P
   Chip??Fuses 0603FA Series, Fast-Acting
TR3216FF25-R COOPER-TR3216FF25-R Datasheet
335Kb / 2P
   Chip Fuses 3216FF Series, Fast-Acting
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com