Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15KP24A Datasheet(PDF) 1 Page - Protek Devices

Part # P15KP24A
Description  15kW POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P15KP24A Datasheet(HTML) 1 Page - Protek Devices

  P15KP24A Datasheet HTML 1Page - Protek Devices P15KP24A Datasheet HTML 2Page - Protek Devices P15KP24A Datasheet HTML 3Page - Protek Devices P15KP24A Datasheet HTML 4Page - Protek Devices P15KP24A Datasheet HTML 5Page - Protek Devices P15KP24A Datasheet HTML 6Page - Protek Devices P15KP24A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05314.R6 9/15
Page 1
P15KP17 - P15KP280A
15kW POWER TVS COMPONENT
DESCRIPTION
The P15KP Series, are discrete 15,000 Watt, silicon transient voltage suppressors (TVS) designed for use in applications
where large voltage transients can permanently damage voltage sensitive components and equipment.
The P15KP series is available in voltages ranging from 17V to 280V with 5 percent and 10 percent tolerances. Both
tolerances are referenced to the power supply output or operating voltage level. This series is compatiable with IEC
61000-4-5 (Surge) requirements.
FEATURES
• RTCA DO-160G COMPLIANT PRODUCT
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 15,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• tClamping (0V to V
BR Min.) < 1 x 10
-12
seconds theoretical
• Available in Multiple Voltages Ranging From 17V to 280V
MECHANICAL CHARACTERISTICS
• Molded Case
• Approximate Weight: 5 grams
• Tin-Lead Plating
• Solder Reflow Temperature: 240-245°C
• Flammability Rating UL 94V-0
APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC
CIRCUIT DIAGRAMS
AXIAL LEAD PACKAGE
UNIDIRECTIONAL
BIDIRECTIONAL
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - P15KP24A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP24A PROTEC-P15KP24A Datasheet
424Kb / 7P
   15kW power tvs component
P15KP24A PROTEC-P15KP24A Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
More results

Similar Description - P15KP24A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com