Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE440A Datasheet(PDF) 7 Page - Protek Devices

Part # 1.5KE440A
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE440A Datasheet(HTML) 7 Page - Protek Devices

Back Button 1.5KE440A Datasheet HTML 2Page - Protek Devices 1.5KE440A Datasheet HTML 3Page - Protek Devices 1.5KE440A Datasheet HTML 4Page - Protek Devices 1.5KE440A Datasheet HTML 5Page - Protek Devices 1.5KE440A Datasheet HTML 6Page - Protek Devices 1.5KE440A Datasheet HTML 7Page - Protek Devices 1.5KE440A Datasheet HTML 8Page - Protek Devices 1.5KE440A Datasheet HTML 9Page - Protek Devices 1.5KE440A Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 7
1.5KE SERIES
TYPICAL DEVICE CHARACTERISTICS
FIGURE 6
STEADY STATE POWER DERATING CURVE
0
25
50
75
100
125
150
175
T
L - Lead Temperature - °C
0
2.0
4.0
6.0
7.0
8.0
T
J = 25°C
f = 1MHz
V
SIA = 50mVp-p
Bidirectional @ V
R
Unidirectional V-0V
Bidirectional V-0V
Unidirectional @ V
R
FIGURE 4
TYPICAL JUNCTION CAPACITANCE
1
10
100
1,000
V
BR - Reverse Breakdown Voltage - V
10
100
1,000
10,000
FIGURE 5
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
1
10
100
Number of Cycles at 60 Hz
0
40
80
120
160
200


Similar Part No. - 1.5KE440A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
1.5KE440A CHENG-YI-1.5KE440A Datasheet
131Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE440A TRSYS-1.5KE440A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE440A TSC-1.5KE440A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
1.5KE440A YANGJIE-1.5KE440A Datasheet
270Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE440A TSC-1.5KE440A Datasheet
113Kb / 3P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE440A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com