Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE180A Datasheet(PDF) 9 Page - Protek Devices

Part # 1.5KE180A
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE180A Datasheet(HTML) 9 Page - Protek Devices

Back Button 1.5KE180A Datasheet HTML 2Page - Protek Devices 1.5KE180A Datasheet HTML 3Page - Protek Devices 1.5KE180A Datasheet HTML 4Page - Protek Devices 1.5KE180A Datasheet HTML 5Page - Protek Devices 1.5KE180A Datasheet HTML 6Page - Protek Devices 1.5KE180A Datasheet HTML 7Page - Protek Devices 1.5KE180A Datasheet HTML 8Page - Protek Devices 1.5KE180A Datasheet HTML 9Page - Protek Devices 1.5KE180A Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 9
1.5KE SERIES
TAPE AND REEL
SPECIFICATIONS
REEL DIA.
A
B
E
MAX
L1
L2
T
Z
MAX
330mm (13”)
10.0 ± 0.5
52.0 ± 0.5
1.00
21.8 ± 0.5
21.8 ± 0.5
6.0 ± 0.4
1.20
NOTES
1. Dimensions are in millimeters.
2. Axial lead product is taped and reeled in accordance with RS-296-E.
3. Marking on Part - part number, logo and polarity band (Unidirectional Only).
ORDERING INFORMATION
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
1.5KExxx
N/A
-T13
1,200
13”
n/a
1.5KExxxA
N/A
-T13
1,200
13”
n/a
1.5KExxxC
N/A
-T13
1,200
13”
n/a
1.5KExxxCA
N/A
-T13
1,200
13”
n/a
A
Z
90° ±5°
B
T
E
L2
L1
E


Similar Part No. - 1.5KE180A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE180A PANJIT-1.5KE180A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5KE180A LEIDITECH-1.5KE180A Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Transys Electronics
1.5KE180A TRSYS-1.5KE180A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE180A SOCAY-1.5KE180A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Rectron Semiconductor
1.5KE180A RECTRON-1.5KE180A Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
More results

Similar Description - 1.5KE180A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com