Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE16 Datasheet(PDF) 8 Page - Protek Devices

Part # 1.5KE16
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE16 Datasheet(HTML) 8 Page - Protek Devices

Back Button 1.5KE16 Datasheet HTML 2Page - Protek Devices 1.5KE16 Datasheet HTML 3Page - Protek Devices 1.5KE16 Datasheet HTML 4Page - Protek Devices 1.5KE16 Datasheet HTML 5Page - Protek Devices 1.5KE16 Datasheet HTML 6Page - Protek Devices 1.5KE16 Datasheet HTML 7Page - Protek Devices 1.5KE16 Datasheet HTML 8Page - Protek Devices 1.5KE16 Datasheet HTML 9Page - Protek Devices 1.5KE16 Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 8
1.5KE SERIES
AXIAL LEAD PACKAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
24.5
-
1.00
-
B
7.24
9.53
0.285
0.375
C
24.5
-
1.00
-
D
0.97 DIA.
1.07 DIA.
0.038 DIA.
0.042 DIA.
E
4.79
5.30
0.189
0.209
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
E
A
B
C
D


Similar Part No. - 1.5KE16

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE16 TRSYS-1.5KE16 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE16 LUGUANG-1.5KE16 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Diotec Semiconductor
1.5KE16 DIOTEC-1.5KE16 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE16 WTE-1.5KE16 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
1.5KE16 SEMITECH-1.5KE16 Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
More results

Similar Description - 1.5KE16

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com