Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE8.2A Datasheet(PDF) 4 Page - Protek Devices

Part # 1.5KE8.2A
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE8.2A Datasheet(HTML) 4 Page - Protek Devices

  1.5KE8.2A Datasheet HTML 1Page - Protek Devices 1.5KE8.2A Datasheet HTML 2Page - Protek Devices 1.5KE8.2A Datasheet HTML 3Page - Protek Devices 1.5KE8.2A Datasheet HTML 4Page - Protek Devices 1.5KE8.2A Datasheet HTML 5Page - Protek Devices 1.5KE8.2A Datasheet HTML 6Page - Protek Devices 1.5KE8.2A Datasheet HTML 7Page - Protek Devices 1.5KE8.2A Datasheet HTML 8Page - Protek Devices 1.5KE8.2A Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 4
1.5KE SERIES
TYPICAL DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1-3)
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
1.5KE100
81.0
90.00
110.00
1
144.0
10.4
1
1.5KE100A
85.5
95.00
105.00
1
137.0
11.0
1
1.5KE110
89.2
99.00
121.00
1
158.0
9.5
1
1.5KE110A
94.0
104.50
115.50
1
152.0
9.9
1
1.5KE120
97.2
108.00
132.00
1
173.0
8.7
1
1.5KE120A
102.0
114.00
126.00
1
165.0
9.1
1
1.5KE130
105.0
117.00
143.00
1
187.0
8.0
1
1.5KE130A
111.0
123.50
136.50
1
179.0
8.4
1
1.5KE150
121.0
135.00
165.00
1
215.0
7.0
1
1.5KE150A
128.0
142.50
157.50
1
207.0
7.3
1
1.5KE160
130.0
144.00
176.00
1
230.0
6.5
1
1.5KE160A
136.0
152.00
168.00
1
219.0
6.9
1
1.5KE170
138.0
153.00
187.00
1
244.0
6.2
1
1.5KE170A
145.0
161.50
178.50
1
234.0
6.4
1
1.5KE180
146.0
162.00
198.00
1
258.0
5.8
1
1.5KE180A
154.0
171.00
189.00
1
246.0
6.1
1
1.5KE200
162.0
180.00
220.00
1
287.0
5.2
1
1.5KE200A
171.0
190.00
210.00
1
274.0
5.5
1
1.5KE220
175.0
198.00
242.00
1
344.0
4.4
1
1.5KE220A
185.0
209.00
231.00
1
328.0
4.6
1
1.5KE250
202.0
225.00
275.00
1
360.0
4.2
1
1.5KE250A
214.0
237.50
262.50
1
344.0
4.4
1
1.5KE300
243.0
270.00
330.00
1
430.0
3.5
1
1.5KE300A
256.0
285.00
315.00
1
414.0
3.6
1
1.5KE350
284.2
315.00
385.00
1
504.0
3.0
1
1.5KE350A
299.3
332.50
367.50
1
482.0
3.1
1
1.5KE380
308.6
342.00
418.00
1
547.2
2.7
1
1.5KE380A
324.9
361.00
399.00
1
524.4
2.9
1
1.5KE400
324.8
360.00
440.00
1
574.0
2.6
1
1.5KE400A
342.0
380.00
420.00
1
548.0
2.7
1
1.5KE440
357.3
396.00
484.00
1
631.0
2.4
1
1.5KE440A
376.2
418.00
462.00
1
602.0
2.5
1
1.5KE500
406.0
450.00
550.00
1
720.0
2.1
1
1.5KE500A
427.5
475.00
525.00
1
690.0
2.2
1


Similar Part No. - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KE8.2A VISHAY-1.5KE8.2A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
MIC GROUP RECTIFIERS
1.5KE8.2A MIC-1.5KE8.2A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE8.2A CHENDA-1.5KE8.2A Datasheet
841Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com