Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T543X477K006ATE005 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T543X477K006ATE005
Description  Capacitor, Tantalum, 470 uF, 7343, /-10% Tol, 6.3 VDC (105C), Failure Rate=A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T543X477K006ATE005 Datasheet(HTML) 1 Page - Kemet Corporation

  T543X477K006ATE005 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/04/2015 - 46504231-fefb-41e9-a55f-71c154e6328e
KEMET Part Number: T543X477K006ATE005
Capacitor, Tantalum, 470 uF, 7343, +/-10% Tol, 6.3 VDC (105C), Failure Rate=A
Dimensions (mm)
Symbol
Dimension
Tolerance
L
7.3
+/-0.3
W
4.3
+/-0.3
H
4
+/-0.3
F
2.4
+/-0.1
S
1.3
+/-0.3
B
0.5
+/-0.15
X
0.1
+/-0.1
P
1.7
REF
R
1
REF
T
0.13
REF
A
3.8
MIN
G
3.5
REF
E
3.5
REF
Notes:
-In Polarity Stripe, At KEMET's Option, Type May Be Indicated:
No Symbol = Standard (Or Low Leakage) MnO2 Tantalum Chip,
O = Low ESR T494, R = Low ESR T495, F = Fused T496, HT
= 150C Rated T498 (or B45196P, B45198P), H = 175C Rated
T499, H2 = 200C Rated T5
General Information
Supplier: KEMET
Application: Military COTS/Upscreened/Low
ESR (Non-ER)
Sub Application: (NonCombustibleCathode)
Part Type Description: SMD, Polymer, Molded, COTS,
Up Screening
Construction: Standard Chip-Polymer
Body Type: SMD Chip
Footprint: 7343
Weight: 588.16 mg
RoHS: Yes
Specifications
Capacitance: 470 uF
Tolerance: +/-10%
Voltage: 6.3 VDC (105C)
Temperature Range: -55/+105C
Testing: Standard Testing Only
Current/Ripple Current: 7029 mAmps (100kHz 45C)
Resistance/ESR: 5 mOhms (100kHz)
Failure Rate: A
Leakage Current: 296.1 uA
Dissipation Factor: 10%
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Quantity: 500
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T543X477K006ATE005

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543X476K035AHW030 KEMET-T543X476K035AHW030 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 47 uF, 10%, 35 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 30mOhms, Height Max = 4.3mm
T543X476K035AHW060 KEMET-T543X476K035AHW060 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 47 uF, 10%, 35 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 60mOhms, Height Max = 4.3mm
T543X476K035ATW060 KEMET-T543X476K035ATW060 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 47 uF, 7343, /-10% Tol, 35 VDC (105C), Failure Rate=A
T543X476M035AHE030 KEMET-T543X476M035AHE030 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 47 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 30mOhms, Height Max = 4.3mm
T543X476M035AHW030 KEMET-T543X476M035AHW030 Datasheet
264Kb / 1P
   T543 HRA, Tantalum, Polymer Tantalum, HRA, 47 uF, 20%, 35 VDC, SMD, Polymer, Molded, Up Screening, N/A, 30 mOhms, 7343, Height Max = 4.3mm
More results

Similar Description - T543X477K006ATE005

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543Y477K004ATE005 KEMET-T543Y477K004ATE005 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 470 uF, 7343, /-10% Tol, 4 VDC (105C), Failure Rate=A
T541X477M006AH6530 KEMET-T541X477M006AH6530 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 470 uF, 7343, /-20% Tol, 6.3 VDC (85C), Failure Rate=A
T543D337M006ATW006 KEMET-T543D337M006ATW006 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 330 uF, 7343, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
T543D106K050ATW090 KEMET-T543D106K050ATW090 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 10 uF, 7343, /-10% Tol, 50 VDC (105C), Failure Rate=A
T543X106M063ATE050 KEMET-T543X106M063ATE050 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 10 uF, 7343, /-20% Tol, 63 VDC (105C), Failure Rate=A
T543X476K035ATW060 KEMET-T543X476K035ATW060 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 47 uF, 7343, /-10% Tol, 35 VDC (105C), Failure Rate=A
T543D107M010ATW025 KEMET-T543D107M010ATW025 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 100 uF, 7343, /-20% Tol, 10 VDC (105C), Failure Rate=A
T543D157M010ATW025 KEMET-T543D157M010ATW025 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 150 uF, 7343, /-20% Tol, 10 VDC (105C), Failure Rate=A
T543X336K050ATW040 KEMET-T543X336K050ATW040 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 33 uF, 7343, /-10% Tol, 50 VDC (105C), Failure Rate=A
T540D337M006AH6520 KEMET-T540D337M006AH6520 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 330 uF, 7343, /-20% Tol, 6.3 VDC (85C), Failure Rate=A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com