Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS30012-M000 Datasheet(PDF) 5 Page - Semtech Corporation

Part # TS30012-M000
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30012-M000 Datasheet(HTML) 5 Page - Semtech Corporation

  TS30012-M000 Datasheet HTML 1Page - Semtech Corporation TS30012-M000 Datasheet HTML 2Page - Semtech Corporation TS30012-M000 Datasheet HTML 3Page - Semtech Corporation TS30012-M000 Datasheet HTML 4Page - Semtech Corporation TS30012-M000 Datasheet HTML 5Page - Semtech Corporation TS30012-M000 Datasheet HTML 6Page - Semtech Corporation TS30012-M000 Datasheet HTML 7Page - Semtech Corporation TS30012-M000 Datasheet HTML 8Page - Semtech Corporation TS30012-M000 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
5 of 18
Semtech
Electrical Characteristics
Electrical Characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Parameter
Symbol Conditions
Min. Typ.
Max.
Units
VCC Supply Voltage
Input Supply Voltage
V
CC
4.5
24
(18 for
TS30013)
V
Quiescent current Normal Mode
I
CC-NORM
V
CC = 12V, ILOAD = 0A
5.2
mA
Quiescent current Normal Mode
– Non-switching
I
CC-NOSWITCH
V
CC=12V, ILOAD=0A, Non-switching
2.3
mA
Quiescent current Standby Mode
I
CC-STBY
V
CC = 12V, EN = 0V
5
10
μA
VCC Under Voltage Lockout
Input Supply Under Voltage Threshold
V
CC-UV
V
CC Increasing
4.3
4.5
V
Input Supply Under Voltage Threshold
Hysteresis
V
CC-UV_HYST
350
mV
OSC
Oscillator Frequency
f
OSC
0.9
1
1.1
MHz
PG Open Drain Output
PG Release Timer
t
PG
10
ms
High-Level Output Leakage
I
OH-PG
V
PG = 5V
0.5
μA
Low-Level Output Voltage
V
OL-PG
I
PG = -0.3mA
0.01
V
EN Input Voltage Thresholds
High Level Input Voltage
V
IH-EN
2.2
V
Low Level Input Voltage
V
IL-EN
0.8
V
Input Hysteresis
V
HYST-EN
480
mV
Input Leakage
I
IN-EN
V
EN=5V
3.5
μA
V
EN=0V
-1.5
μA
Thermal Shutdown
Thermal Shutdown Junction Temperature
TSD
Note: not tested in production
150
170
°C
TSD Hysteresis
TSD
HYST
Note: not tested in production
10
°C


Similar Part No. - TS30012-M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30012-M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com