Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80000-QFNR Datasheet(PDF) 9 Page - Semtech Corporation

Part # TS80000-QFNR
Description  High Efficiency Transmitter Controller for Wireless Power Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000-QFNR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button TS80000-QFNR Datasheet HTML 5Page - Semtech Corporation TS80000-QFNR Datasheet HTML 6Page - Semtech Corporation TS80000-QFNR Datasheet HTML 7Page - Semtech Corporation TS80000-QFNR Datasheet HTML 8Page - Semtech Corporation TS80000-QFNR Datasheet HTML 9Page - Semtech Corporation TS80000-QFNR Datasheet HTML 10Page - Semtech Corporation TS80000-QFNR Datasheet HTML 11Page - Semtech Corporation TS80000-QFNR Datasheet HTML 12Page - Semtech Corporation TS80000-QFNR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
SC80000
Final Datasheet
Rev 1.4
March 17, 2015
www.semtech.com
9 of 37
Semtech
Proprietary & Confidential
Internal Registers
Addresss
Name
Type
Access Mode (bits) Description
Transmitter Mode continues...
0x45
POWER_STATE_RX
R
8
Receiver Power State
0x46
PWM_FREQUENCY_L
R
16
PWM Frequency (L)
0x47
PWM_FREQUENCY_H
R
16
PWM Frequency (H)
0x48
PWM_DTC_L
R
16
PWM Duty Cycle (L)
0x49
PWM_DTC_H
R
16
PWM Duty Cycle (H)
0x4A
DC_VOLTAGE_L
R
16
Bridge DC Voltage (L)
0x4B
DC_VOLTAGE_H
R
16
Bridge DC Voltage (H)
0x4C
DC_CURRENT_L
R
16
Bridge DC Current (L)
0x4D
DC_CURRENT_H
R
16
Bridge DC Current (H)
0x4E
AC_VOLTAGE_L
R
16
Coil AC voltage (L)
0x4F
AC_VOLTAGE_H
R
16
Coil AC Voltage (H)
0x50
AC_CURRENT_L
R
16
Coil AC Current (L)
0x51
AC_CURRENT_H
R
16
Coil AC Current (H)
0x52
TEMP_COIL_L
R
16
Temperature at the Coil Thermistor (L)
0x53
TEMP_COIL_H
R
16
Temperature at the Coil Thermistor (H)
0x54
TEMP_DIE_L
R
16
Die Temperature (L)
0x55
TEMP_DIE_H
R
16
Die Temperature (H)
0x56
POWER_DC_IN_L
R
16
DC Power at the Bridge Input (L)
0x57
POWER_DC_IN_H
R
16
DC Power at the Bridge Input (H)
0x58
POWER_TX_L
R
16
TX Power into the Magnetic Field (L)
0x59
POWER_TX_H
R
16
TX Power into the Magnetic Field (H)
0x5A
POWER_RX_L
R
8
Received Power Reported by the RX (L)
0x5B
POWER_RX_H
R
8
Received Power Reported by the RX (H)
0x5C
BATT_CHARGE_LEVEL_RX
R
8
Receiver Battery Charge Level
0x5D
LED_STATE
R
8
LED State
0x5E
ERROR_L
R
16
Error Code and Parameter (L)
0x5F
ERROR_H
R
16
Error Code and Parameter (H)
0x60-0x6F
RESERVED
0x70
CONTROL_POWER_L
R/W
16
Power Control Register (L)
0x71
CONTROL_POWER_H
R/W
16
Power Control Register (H)
0x72
CONTROL_DEBUG_L
R/W
16
Debug Control Register (L)
0x73
CONTROL_DEBUG_H
R/W
16
Debug Control Register (H)
0x74
DEBUG_MASK0
R/W
8
Debug Mask Register 0
0x75
DEBUG_MASK1
R/W
8
Debug Mask Register 1
0x76
DEBUG_MASK2
R/W
8
Debug Mask Register 2
0x77
DEBUG_MASK3
R/W
8
Debug Mask Register 3
0x78
INTERRUPT_MASK0
R/W
8
Interrupt Mask Register 0
0x79
INTERRUPT_MASK1
R/W
8
Interrupt Mask Register 1
0x7A
INTERRUPT_MASK2
R/W
8
Interrupt Mask Register 2
0x7B
INTERRUPT_MASK3
R/W
8
Interrupt Mask Register 3
0x7C-0x7F
RESERVED
Bootloader Firmware Revision Register (BOOTFW_REV_H:BOOTFW_REV_L)
Address:
0x00
Reset value:
Major and Minor version number of the bootloader firmware
Bits 15:8 REV_H[7:0]: Major Bootloader Firmware Revision
These bits contain the major version number of the bootloader firmware.
Bits 7:0 REV_L[7:0]: Minor Bootloader Firmware Revision
These bits contain the minor version number of the bootloader firmware.


Similar Part No. - TS80000-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

Similar Description - TS80000-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com