Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS51111-M22WCSR Datasheet(PDF) 8 Page - Semtech Corporation

Part # TS51111-M22WCSR
Description  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51111-M22WCSR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS51111-M22WCSR Datasheet HTML 4Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 5Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 6Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 7Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 8Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 9Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 10Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 11Page - Semtech Corporation TS51111-M22WCSR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TS51111
Final Datasheet
Rev 2.2
April 17, 2015
www.semtech.com
8 of 22
Semtech
Proprietary & Confidential
Thermal Characteristics
Symbol
Parameter
Value
Units
θ JA
36QFN Thermal Resistance Junction to Air (Note 1)
32
°C/W
Note 1: Assumes 3.917 x 3.917 in2 area of 1 oz copper, 4 layer PCB, 4 thermal vias under PAD, and 25°C ambient temperature.
Characteristics
Electrical Characteristics, T
J = -40C to 85C, PDC = PACKP = 4.2V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I
Q
I
Q,Standby,LPM
Quiescent Current in Low Power Mode
Current from PACKP, ILDO = 0, EN_
VREF = EN_SW = EN_PRE = 0
20
30
uA
I
Q,Disable
Quiescent Current in Disable (Direct
Charge, Low Power Mode disabled)
Current from PACKP, ILDO = 0, EN_
VREF = EN_SW = EN_PRE = 0
2
uA
UVLO
V
UVLO-PACK_P
PACKP UVLO
PACKP Rising
2.1
V
HYST
UVLO-PACK_P
PACKP UVLO Hysteresis
400
mV
PDC-PACKP Pass Device
T
SW-ON
Delay from EN_SW to switch ON
200
us
T
SW-OFF
Delay from EN_SW to switch OFF
100
ns
I
PRECHARGE
Precharge Current
Relative to set point
T = 25C; PDC = 3.5V; PACKP = 2.7V
I
NOM -20%
I
NOM
I
NOM +20%
TC
PRECHARGE
Precharge Current Temperature
Coefficient
25C to 85C
-0.3
%/C
I
LIMIT
Current Limit
At 3.2 A setting
2.2
3.2
A
UART
T
RX
Delay from UART to RX
0.7
us
T
TX
Delay from TX to UART
0.6
us
V
T,UART
UART threshold
0.8
V
V
T,TX
TX threshold
0.8
V
R
dson,RX
RX Switch Resistance
10
Ω
SDA / SCl / EN_MOD Digital Inputs
V
IH
VCORE = 1.5V
Voltage Rising
0.875
V
V
IL
VCORE = 1.5V
Voltage Falling
0.465
V
V
IH
VCORE = 1.8V
Voltage Rising
1.01
V
V
IL
VCORE = 1.8V
Voltage Falling
0.525
V
V
IH
VCORE = 2.5V
Voltage Rising
1.25
V
V
IL
VCORE = 2.5V
Voltage Falling
0.665
V
V
IH
VCORE = 3.3V
Voltage Rising
1.47
V
V
IL
VCORE = 3.3V
Voltage Falling
0.825
V
R
IN
Pin input impedance
Resistance to GND
1M
Ω


Similar Part No. - TS51111-M22WCSR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51111-M22WCSR SEMTECH-TS51111-M22WCSR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

Similar Description - TS51111-M22WCSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
logo
List of Unclassifed Man...
XKT-412 ETC-XKT-412 Datasheet
910Kb / 9P
   Wireless Power Transfer/Charging
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com