Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS33000-M012QFNR Datasheet(PDF) 2 Page - Semtech Corporation

Part # TS33000-M012QFNR
Description  High Efficiency Synchronous DC/DC Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33000-M012QFNR Datasheet(HTML) 2 Page - Semtech Corporation

  TS33000-M012QFNR Datasheet HTML 1Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 2Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 3Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 4Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 5Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 6Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 7Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 8Page - Semtech Corporation TS33000-M012QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TS33000
Final Datasheet
Rev 1.9
May 1, 2015
www.semtech.com
2 of 17
Semtech
Pinout
Pin Description
Pin #
Pin Name
Pin Function
Description
1
VSW
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 12, 14, & 15
2
VCC
Input Voltage
Input voltage supply. Short to Pins 3 & 11
3
VCC
Input Voltage
Input voltage supply. Short to Pins 2 & 11
4
GND
GND
Ground for the internal circuitry of the device
5
FB
Feedback Input
Feedback voltage for the regulator when used in adjustable mode.
Connect to the output voltage resistor divider for adjustable mode
and No Connection for fixed output modes
6
V
OUT Sense
Output Voltage Sense
Output Voltage Sense. Requires kelvin connection to 4.7uF
output capacitor
7
nLP
nLP Input
Forcing this pin high prevents the device from going into Low Power
PFM mode operation
8
PG
PG Output
Power Good indicator Open-drain output.
9
EN
Enable Input
Input high voltage enables the device. Input low disables the device.
10
TEST OUT
Test Mode Output
Connect to GND. For internal testing use only.
11
VCC
Input Voltage
Input voltage supply. Short to Pins 2 & 3
12
VSW
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 14, & 15
13
PGND
Power GND
GND supply for internal low-side FET/integrated diode. Short to Pin 16
14
VSW
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 12, & 15
15
VSW
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 12, & 14
16
PGND
Power GND
GND supply for internal low-side FET/integrated diode.
Short to Pin 13
TS33000
VCC
VCC
GND
VSW
VCC
TEST
OUT
EN
VSW


Similar Part No. - TS33000-M012QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS33000-M012QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com