Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4808B Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4808B
Description  High Performance Dual Ended PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4808B Datasheet HTML 3Page - Semtech Corporation SC4808B Datasheet HTML 4Page - Semtech Corporation SC4808B Datasheet HTML 5Page - Semtech Corporation SC4808B Datasheet HTML 6Page - Semtech Corporation SC4808B Datasheet HTML 7Page - Semtech Corporation SC4808B Datasheet HTML 8Page - Semtech Corporation SC4808B Datasheet HTML 9Page - Semtech Corporation SC4808B Datasheet HTML 10Page - Semtech Corporation SC4808B Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
SC4808A Typical Characteristics
(SC4808A)
7
8
9
10
11
12
13
14
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vcc UVLO (Rising)
Vcc UVLO (Falling)
400
500
600
700
800
900
1000
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Max Current Sense Signal
Over Current Signal
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
FB to CS Offset
5.020
5.030
5.040
5.050
5.060
5.070
5.080
5.090
5.100
5.110
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Reference
Iq (start up) vs. Temperature
Iq (operating) vs. Temperature
Reference vs. Temperature
FB to CS Offset vs. Temperature
Current sense vs. Temperature
Vcc UVLO vs. Temperature
3.80
3.90
4.00
4.10
4.20
4.30
4.40
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Operating Iq, Vcc = 12V
Operating Iq, Vcc = 15V
70
75
80
85
90
95
100
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Start up Iq, Vcc = 10V


Similar Part No. - SC4808B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B SEMTECH-SC4808B Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-1MSTRT SEMTECH-SC4808B-1MSTRT Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
   High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com