Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

760895441 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760895441
Description  WE-LLCR Resonant Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760895441 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760895441 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760895441 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760895441 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760895441 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760895441 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.2
1.1
1.0
REV
2014-04-14
2014-04-01
2013-07-22
DATE
SSt
SSt
SSt
BY
WW
SSt
WW
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-LLCR Resonant Converter
Order.- No.
760895441
SIZE
A4
Size: ETD34
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Turns ratio
Saturation current
DC Resistance 1
DC Resistance 2
DC Resistance 3
DC Resistance 4
Leakage inductance
Insulation test voltage
Test conditions
100 kHz/ 100 mV
|ΔL/L| < 20%
@ 20°C
@ 20°C
@ 20°C
@ 20°C
100 kHz/ 100 mV
W1,4 => W2,3
L
n
Isat
RDC1
RDC2
RDC3
RDC4
LS
UT
Value
600
35 : 4 : 4 : 3
2.0
260
8.0
8.0
144
100
4000
Unit
µH
A
µH
V (AC)
Tol.
±10%
±3%
typ.
max.
max.
max.
max.
±10%
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
•Storage Temperature: -20°C to 60°C
•Operating Temperature: -40°C to 125°C
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
Designed to comply with the following requirements as defined
by IEC61558-2-16; Reinforced insulation for a working voltage of 250 VRMS
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760895441

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760895431 WURTH-760895431 Datasheet
424Kb / 5P
   WE-LLCR Resonant Converter
760895451 WURTH-760895451 Datasheet
424Kb / 5P
   WE-LLCR Resonant Converter
More results

Similar Description - 760895441

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760895431 WURTH-760895431 Datasheet
424Kb / 5P
   WE-LLCR Resonant Converter
760895641 WURTH-760895641 Datasheet
432Kb / 5P
   WE-LLCR Resonant Converter
760895651 WURTH-760895651 Datasheet
432Kb / 5P
   WE-LLCR Resonant Converter
760895731 WURTH-760895731 Datasheet
462Kb / 5P
   WE-LLCR Resonant Converter
760895741 WURTH-760895741 Datasheet
462Kb / 5P
   WE-LLCR Resonant Converter
760895451 WURTH-760895451 Datasheet
424Kb / 5P
   WE-LLCR Resonant Converter
760895631 WURTH-760895631 Datasheet
434Kb / 5P
   WE-LLCR Resonant Converter
760895751 WURTH-760895751 Datasheet
462Kb / 5P
   WE-LLCR Resonant Converter
logo
STMicroelectronics
AN1660 STMICROELECTRONICS-AN1660 Datasheet
154Kb / 13P
   ZVS RESONANT CONVERTER
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com