Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB20N60S5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPB20N60S5
Description  Cool MOS??Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB20N60S5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPB20N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 9Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004-03-30
Rev. 2.1
Page 6
SPP20N60S5
SPB20N60S5
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
5
10
15
20
25
A
35
6V
6.5V
7V
7.5V
8V
8.5V
9V
20V
12V
10V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
5
10
15
20
25
30
A
40
ID
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
m
1.5
6V
6.5V
7V
7.5V
8V
8.5V
9V
10V
12V
20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 13 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
SPP20N60S5
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
5
10
V
20
VGS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
25°C
150°C


Similar Part No. - SPB20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
121Kb / 9P
   Cool MOS??Power Transistor
2001-07-25
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
670Kb / 11P
   Cool MOS Power Transistor
Rev. 2.3 2005-07-22
logo
Inchange Semiconductor ...
SPB20N60S5 ISC-SPB20N60S5 Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPB20N60S5 INFINEON-SPB20N60S5_05 Datasheet
670Kb / 11P
   Cool MOS Power Transistor
Rev. 2.3 2005-07-22
More results

Similar Description - SPB20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com