Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA050W-450G Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA050W-450G
Description  50W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA050W-450G Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA050W-450G Datasheet HTML 1Page - Phihong USA Inc. PDA050W-450G Datasheet HTML 2Page - Phihong USA Inc. PDA050W-450G Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 1/12/2015
WWW.PHIHONG.COM
50
W LED Driver with 4 Channel Constant Current Outputs
PDA050W LED Power Supply with 0-10V Dimming
Features
 4 Channel Output
 UL8750 Compliant
 OVP, Short-Circuit Protection, OTP &
Brownout Protection
 Class 2 Output per UL1310
 AC input: 108-304VAC
 ≥0.9 Power Factor Correction & THD <20%
 IP65 Rated
Applications
 Indoor Lighting
 Outdoor Lighting
 Linear Fluorescent Replacement
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 242mm (9.5in)
 Height: 30.5mm (1.2in)
 Width: 43.5mm (1.7in)
 Weight: 675g (1.5lbs)
Output Specifications
Channel 1~4
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Current
1
DC Output Voltage Range
Output Power
Min.
Typ.
Max.
PDA050W-450G
450mA
22V
-
26.5V
50W


Similar Part No. - PDA050W-450G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-1A0B PHIHONG-PDA006A-1A0B Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA006A-1A0B-R PHIHONG-PDA006A-1A0B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
PDA006A-1A0B-R PHIHONG-PDA006A-1A0B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA006A-1A0S-R PHIHONG-PDA006A-1A0S-R Datasheet
138Kb / 2P
   6W Adapter Style Constant Current LED Driver
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
More results

Similar Description - PDA050W-450G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA037W-350G PHIHONG-PDA037W-350G Datasheet
224Kb / 4P
   37W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA026W-D350G PHIHONG-PDA026W-D350G Datasheet
146Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA038W-T350G PHIHONG-PDA038W-T350G Datasheet
185Kb / 4P
   36W LED Driver with 3 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
LinkCom Manufacturing C...
TRI030U212CAN0 LINKCOM-TRI030U212CAN0 Datasheet
496Kb / 4P
   LED Power Supply With TRIAC and 0-10V Dimming
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com