Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTBN234AP1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RTBN234AP1
Description  TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RTBN234AP1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RTBN234AP1 Datasheet HTML 1Page - Isahaya Electronics Corporation RTBN234AP1 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
RTBN234AP1
TRANSISTOR WITH RESISTOR
FOR SWITHING APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
Notice:This is not a final specification
Some parametric are subject to change.
DESCRIPTION
RTBN234AP1 is a one chip transistor
with built-in bias transistor.
FEATURE
・Built-in bias resistor (R1=2.2kΩ,R2=10kΩ)
・High collector current (IC=1A)
・Small package for easy mounting.
APPLICATION
Switching.
OUTLINE DRAWING
UNIT:mm
MAXIMUM RATING(Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
V
CBO
Collector to Base voltage
80
V
V
EBO
Emitter to Base voltage
10
V
V
CEO
Collector to Emitter voltage
60
V
I
C
Collector current
1
A
I
CM
Peak collector current
2
A
P
CM
Collector dissipation(Ta=25℃)
500
mW
T
j
Junction temperature
+150
T
stg
Storage temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
I
CBO
Collector cut off current
V
CE=60V,IE=0
0.1
μA
VI(on)
Input on voltage
V
CE=0.3V,IC=0.3A
5.0
V
VI(off)
Input off voltage
V
CE=5V,IC=100μA
0.3
V
hFE1
DC forward current gain1
V
CE=2V,IC=0.1A
200
hFE2
DC forward current gain2
V
CE=2V,IC=0.5A
300
hFE3
DC forward current gain3
V
CE=2V,IC=1A
200
R1
Input resistor
1.54
2.2
2.86
kΩ
R2
Emitter-base resistor
7
10
13
kΩ
MARKING
EQUAIVALENT CIRCUIT
R1
R2
B
E
C
N
Type Name
The last number
of fisical year
Running No.
J
Marking month
電極接続
E: エミッタ
C: コレクタ
B: ベース
EIAJ : SC-62
JEDEC :
E
C
B
4.6 MAX
1.6
3.0
1.5
0.53
MAX
0.48 MAX
1.5
0.4
マーキング
TERMINAL CONNECTOR
E:EMITTER
C:COLLECTOR
B:BASE
JEDEC:―
MARKING
JEITA:SC-62
JEDEC:SOT-89


Similar Part No. - RTBN234AP1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RTBN226AP1 ISAHAYA-RTBN226AP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - RTBN234AP1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RTBN131AP1 ISAHAYA-RTBN131AP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTBN141AP1 ISAHAYA-RTBN141AP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTGN141AP ISAHAYA-RTGN141AP Datasheet
102Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTBN14BAP1 ISAHAYA-RTBN14BAP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTGN426AP ISAHAYA-RTGN426AP Datasheet
167Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTBN432AP1 ISAHAYA-RTBN432AP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTBN226AP1 ISAHAYA-RTBN226AP1 Datasheet
119Kb / 2P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTGN14BAP ISAHAYA-RTGN14BAP Datasheet
144Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTGN131AP ISAHAYA-RTGN131AP Datasheet
146Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
RTGN226AP ISAHAYA-RTGN226AP Datasheet
146Kb / 4P
   TRANSISTOR WITH RESISTOR FOR SWITHING APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com