Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBOX610 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # RBOX610
Description  Fanless design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX610 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  RBOX610_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX610_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
3
356
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Hardware Specifications
Software Specifications
Ordering Information
Dimensions
System I/O Outlet
Wireless
1 x Mini Card (supports USB interface on
3G/GPRS)
1 x SIM socket by outside access and is
easy plug/pull
Watchdog Timer
WDT 1: one step is 1 sec, 255 levels
LEDs
System
Power, Alarm, Ready/Active, COM
(TX, RX), Wireless
Alarm
DC PWR1 or PWR2 is lost
Storage
1 x eMMC 4 GB onboard (for boot disk)
Supports 1 x SDHC Card (easy-to-access, for store only.)
Installation
Din-rail
Wall mount
Power Supply
Power Input
2 power paths with terminal block
Power Input Range 12-48VDC
Power Input Rating 12-48VDC, 0.68-0.19A
Power Protection
DC Version:
OVP (Over voltage protection)
UVP (Under voltage protection)
Reverse protection
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F)
Storage Temperature
-45°C ~ +85°C (-49°F ~ +185°F)
Humidity
5% ~ 95%
Vibration Endurance
5G @ 10-150Hz, amplitude 0.35ms
Weight (net/gross)
1.0 kg (2.2 lb)/1.50 kg (3.3 lb)
Dimensions
55 mm (2.16") (W) x 155 mm (6.10") (D) x 110 mm (4.33") (H)
EOS Support
Linux (Pre-installed)
Certification
FCC Part 18
Heavy Industrial CE
Standard
rBOX610-FL-DC
Robust din-rail fanless embedded system with Q7-RISC
module (iMX-287), 4 COM, 2 CAN and DIO
(-40°C ~ +70°C)
Optional
Wall mount kit
Wireless (3G/GPS or Wi-Fi) module for rBOX series
OS: Linux
Host OS/ Development OS : Ubuntu 10.04 LTS
Toolchain/ Cross compiler : Freescale LTIB
Kernel : 2.6.35.3 (with Freescale and Axiomtek hardware
modified patch)
Support protocol types
ICMP.
TCP/IP,
UDP,DHCP,Telnet,SNMP,HTTP,HTTPS,SSL,SMTP,ARP,
NTP,DNS,PPP,PPPOE,FTP.TFTP
Support software types
Serial Server:
Supports TCP Server/TCP Client/UDP/Pair/VC
Supports IP filter
Supports 32 TCP connections
Supports QOS
Modbus gateway:
Supports Modbus TCP/Modbus RTU/Modbus ASCII
Supports IP filter
Supports 32 connections
Supports TCP for multiple com port
Supports QOS
Setting configuration
SNMP:
Supports V1/V2C/V3
Supports SNMP Private MIB
Supports read/write
http /https:
Supports SSL
Supports Import/export
Supports FW update
Remote Manager
Remote Log
Email
SNMP
Supports Trap
Serial Port Redirector for
windown
XP/2003 32-64/Win7 32-64/Vista 32-64/2008 32-64
Real com (visual com)
Centralized management
Import/Export for real com
HW’s lib
DI/DO:
Supports Read-DI/write DO
CAN:
Supports Open/write /read/Close
3G:
Supports setting number connection
Supports User name/password
Supports detecting signal strength
GPS:
Supports detecting signal strength
Supports satellite positioning
Watch Dog Timer:
Supports setting enable
Supports setting clean
Supports setting timer
COM:
Supports setting RS-232/422/485
Default Reading:
Supports default reading for MAC, IP, Model


Similar Part No. - RBOX610_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX610 AXIOMTEK-RBOX610_17 Datasheet
365Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with iMX-287 Processor
More results

Similar Description - RBOX610_16

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6646B AAEON-AEC-6646B Datasheet
352Kb / 2P
   fanless system design
AEC-6638 AAEON-AEC-6638 Datasheet
238Kb / 2P
   fanless system design
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM_16 Datasheet
400Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
   Fanless and cableless design
RBOX201-6COM AXIOMTEK-RBOX201-6COM_16 Datasheet
341Kb / 2P
   Fanless and cableless design
RBOX200 AXIOMTEK-RBOX200 Datasheet
392Kb / 2P
   Fanless and cableless design
RBOX201-6COM AXIOMTEK-RBOX201-6COM Datasheet
339Kb / 2P
   Fanless and cableless design
RBOX204 AXIOMTEK-RBOX204_16 Datasheet
383Kb / 2P
   Fanless and cableless design
RBOX310-4COM AXIOMTEK-RBOX310-4COM_16 Datasheet
427Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM Datasheet
324Kb / 2P
   Fanless and cableless design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com