Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB04N60S5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SPB04N60S5
Description  Cool MOS??Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB04N60S5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SPB04N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 9Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 10Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2004-03-30
Rev. 2.1
Page 11
SPP04N60S5
SPB04N60S5
Published by
Infineon Technologies AG,
Bereichs Kommunikation
St.-Martin-Strasse 53,
D-81541 München
© Infineon Technologies AG 1999
All Rights Reserved.
Attention please!
The information herein is given to describe certain components and shall not be considered as warranted
characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement,
regarding circuits, descriptions and charts stated herein.
Infineon Technologies is an approved CECC manufacturer.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest
Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list).
Warnings
Due to technical requirements components may contain dangerous substances.
For information on the types in question please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of such components can reasonably be expected to
cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device
or system Life support devices or systems are intended to be implanted in the human body, or to support
and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health
of the user or other persons may be endangered.


Similar Part No. - SPB04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB04N60S5 INFINEON-SPB04N60S5 Datasheet
366Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
logo
Inchange Semiconductor ...
SPB04N60S5 ISC-SPB04N60S5 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB04N60S5 VBSEMI-SPB04N60S5 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
SPB04N60S5 INFINEON-SPB04N60S5_07 Datasheet
366Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
More results

Similar Description - SPB04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com