Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPA04N60C3 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. SPA04N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 10 page
background image
2003-10-02
Page 10
SPP04N60C3, SPB04N60C3
SPA04N60C3
Final data
21 Avalanche energy
EAS = f (Tj)
par.: ID = 3.4 , VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
20
40
60
80
100
120
mJ
160
23 Avalanche power losses
PAR = f (f )
parameter: EAR=0.4mJ
10
4
10
5
10
6
Hz
f
0
25
50
75
100
125
150
W
200
22 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
540
560
580
600
620
640
660
680
V
720
SPP04N60C3
24 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
400
V
600
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD07N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N80C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl