Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPA04N60C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. SPA04N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
2003-10-02
Page 9
SPP04N60C3, SPB04N60C3
SPA04N60C3
Final data
17 Typ. drain source voltage slope
dv/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=4.5A
0
30
60
90
120
180
RG
0
10
20
30
40
50
60
70
80
V/ns
100
dv/dt(on)
dv/dt(off)
18 Typ. switching losses
E = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=18Ω
0
0.5
1
1.5
2
2.5
3
3.5
A
4.5
ID
0
0.002
0.004
0.006
0.008
0.01
mWs
0.014
Eon*
Eoff
*) Eon includes SDP06S60
diode commutation losses.
19 Typ. switching losses
E = f(RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=4.5A
0
20
40
60
80 100 120 140 160
200
RG
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
mWs
0.1
Eon*
Eoff
*) Eon includes SDP06S60
diode commutation losses.
20 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
0.5
1
1.5
2
2.5
3
3.5
4
A
5
Tj(START)=25°C
Tj(START)=125°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD07N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N80C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl