Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPA04N60C3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. SPA04N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 5 page
background image
2003-10-02
Page 5
SPP04N60C3, SPB04N60C3
SPA04N60C3
Final data
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
5
10
15
20
25
30
35
40
45
W
55
SPP04N60C3
2 Power dissipation FullPAK
Ptot = f (TC)
0
20
40
60
80
100
120
°C 160
TC
0
5
10
15
20
25
W
35
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
4 Safe operating area FullPAK
ID = f (VDS)
parameter: D = 0, TC = 25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
tp = 10ms
DC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD07N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N80C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl