Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG2-2240I212 Datasheet(PDF) 5 Page - SICK AG

Part # MLG2-2240I212
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MLG2-2240I212 Datasheet(HTML) 5 Page - SICK AG

  MLG2-2240I212 Datasheet HTML 1Page - SICK AG MLG2-2240I212 Datasheet HTML 2Page - SICK AG MLG2-2240I212 Datasheet HTML 3Page - SICK AG MLG2-2240I212 Datasheet HTML 4Page - SICK AG MLG2-2240I212 Datasheet HTML 5Page - SICK AG MLG2-2240I212 Datasheet HTML 6Page - SICK AG MLG2-2240I212 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MLG2-2240I212 | MLG
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29 09:44:08 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5
Adjustments
LED indicator
NC
blinks with 3 Hz
on
out
on or out
4
1
5
6
7
8
9
2
3
①  Supply voltage
②  Device error
③  No object in the light path
④  Contamination control
⑤  Blocked Beams Hold (BBH)
⑥  Activated teach-in procedure
⑦  ParamMode is active
⑧  Standby
⑨  Error: E1 = sync. error; E2 = less receiver signal; E9 = defect
Connection type and diagram
123456789ßàá
Sender
Receiver
L+
M
Sync A
In1/Teach-in
Sync B
In2
Q1
Q2
Q3
Q4
Q5/RS-485 A
Q6/RS-485 B
1
2
3
4
5
6
7
8
9
10
11
12
L+
M
Sync A
TEST
Sync B
nc
nc
nc
nc
nc
nc
nc
1
2
3
4
5
6
7
8
9
10
11
12
1
1
1
1
1
1
1
①  Not assigned


Similar Part No. - MLG2-2240I212

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG2-2240I812 SICK-MLG2-2240I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - MLG2-2240I212

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com