Electronic Components Datasheet Search |
|
S6AX103Z5 Datasheet(PDF) 1 Page - Semtech Corporation |
|
S6AX103Z5 Datasheet(HTML) 1 Page - Semtech Corporation |
1 / 5 page POWER DISCRETES 1 www.semtech.com 180pF THRU .39µF High Voltage Capacitors Features Revision: October 1, 2008 X7R dielectric 1kV to 5kV voltage range Description Semtech Premium Dielectric High Voltage Capacitors Monolithic Ceramic type Semtech’s premium dielectric capacitors demonstrate minimum capacitance change over the operation voltage and temperature range, high current carrying capability and high volumetric efficiency. This X7R body has been designed into the most demanding applications: from the one extreme of satellite, missile, space shuttle, and avionics programs to the other extreme of “down hole” oil exploration equipment. General Specifications Operating temperature range -55°C to 125°C Aging rate <1.0% per decade hour Insulation resistance: 100k meg Ω or 1000megΩ microfarads, whichever is less, at 500VDC, 25°C Dissipation factor: 2.5% max at 1kHz 1 VAC, 25°C Dielectric withstanding voltage: 1.2 x rated voltage at 25°C (Test conducted with charging current limited to 10mA and discharge current limited to 10A) Temperature coefficient: ± 15% over -55°C to 125°C range “S” size package type available |
Similar Part No. - S6AX103Z5 |
|
Similar Description - S6AX103Z5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |