Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPP02N80C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. SPP02N80C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 3 page
background image
2003-10-14
Page 3
SPP02N80C3
SPA02N80C3
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=1.2A
-
1.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
290
-
pF
Output capacitance
Coss
-
130
-
Reverse transfer capacitance
Crss
-
6
-
Effective output capacitance,3)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
11.2
-
Effective output capacitance,4)
time related
Co(tr)
-
20.6
-
Turn-on delay time
td(on)
VDD=400V, VGS=0/10V,
ID=2A,
RG=47Ω
-
25
-
ns
Rise time
tr
-
15
-
Turn-off delay time
td(off)
-
65
75
Fall time
tf
-
18
23
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=640V, ID=2A
-
1
-
nC
Gate to drain charge
Qgd
-
5
-
Gate charge total
Qg
VDD=640V, ID=2A,
VGS=0 to 10V
-
9
12
Gate plateau voltage
V(plateau) VDD=640V, ID=2A
-
6
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
3C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
4Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD04N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD07N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl