Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1679-INTE3 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS1679-INTE3
Description  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679-INTE3 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1679-INTE3 Datasheet HTML 3Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 4Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 5Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 6Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 7Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 8Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 9Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 10Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
7 of 16
3. Detailed Description
Figure 3-1: GS1679 Functional Block Diagram
3.1 Serial Data Input
The GS1679 features a differential input buffer with on-chip 100Ω differential
termination.
The serial data input signal is connected to the DDI and DDI input pins of the device.
Input signals can be single-ended or differential, DC or AC-coupled.
The serial digital input buffer is capable of operation with any binary coded signal that
meets the input signal level requirements, in the range of 270Mb/s to 1.485Gb/s.
The input circuit is self-biasing to allow for simple AC or DC-coupling of input signals to
the device.
3.2 Serial Digital Output
The GS1679 features dual current-mode differential output drivers capable of driving
up to 1200mVpp single-ended into a 1m length of 75Ω cable terminated at both ends.
The output signal amplitude or swing is user configurable using an external RSET
resistor.
The SDO1/SDO1 and SDO2/SDO2 pins of the device provide the serial digital outputs.
3.2.1 Slew Rate Selection (Rise/Fall Time Requirement)
The GS1679 supports two user-selectable output slew rates.
Control of the slew rate is determined by the setting of the SD/HD input pin.
DDI
DDI
RSET
SDO1
SDO1
SDO2
SDO2
DISABLE2
DISABLE1
Band Gap Reference
&
Output Control
Slew Rate
Control
SD/HD


Similar Part No. - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com