Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2961 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS2961
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2961 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS2961 Datasheet HTML 6Page - Gennum Corporation GS2961 Datasheet HTML 7Page - Gennum Corporation GS2961 Datasheet HTML 8Page - Gennum Corporation GS2961 Datasheet HTML 9Page - Gennum Corporation GS2961 Datasheet HTML 10Page - Gennum Corporation GS2961 Datasheet HTML 11Page - Gennum Corporation GS2961 Datasheet HTML 12Page - Gennum Corporation GS2961 Datasheet HTML 13Page - Gennum Corporation GS2961 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
10 of 104
A9, A10, B8,
B9, B10,C8,
C9, C10, E9,
E10
DOUT18, 17, 19,
16, 15, 12, 14, 13,
10, 11
Output
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
20-bit mode
20bit/10bit = HIGH
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Luma data output for SD and HD data
rates; Data Stream 1 for 3G data rate
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
Not defined
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
10-bit mode
20bit/10bit = LOW
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Multiplexed Luma/Chroma data output
for SD and HD data rates; Multiplexed
Data Stream 1&2 for 3G data rate
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
8b/10b decoded DVB-ASI data
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
B1
A_VDD
Input Power
POWER pin for analog circuitry. Connect to 3.3V DC analog.
B2, C3, C4
PLL_VDD
Input Power
POWER pins for the Reclocker PLL. Connect to 1.2V DC analog.
B3, F2, H4,
J3, J4, J5,
K3, K4, K5
RSV
These pins must be left unconnected.
B4
VCO_GND
Input Power
GND pin for the VCO. Connect to analog GND.
B7, D9, G9,
J7
IO_GND
Input Power
GND connection for digital I/O. Connect to digital GND.
C1, D1
SDI, SDI
Analog Input
Serial Digital Differential Input.
C2, D2, D3,
E3, F3, G2
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS2961

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results

Similar Description - GS2961

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com