Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1679 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS1679
Description  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679 Datasheet(HTML) 1 Page - Gennum Corporation

  GS1679 Datasheet HTML 1Page - Gennum Corporation GS1679 Datasheet HTML 2Page - Gennum Corporation GS1679 Datasheet HTML 3Page - Gennum Corporation GS1679 Datasheet HTML 4Page - Gennum Corporation GS1679 Datasheet HTML 5Page - Gennum Corporation GS1679 Datasheet HTML 6Page - Gennum Corporation GS1679 Datasheet HTML 7Page - Gennum Corporation GS1679 Datasheet HTML 8Page - Gennum Corporation GS1679 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
1 of 16
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
www.gennum.com
The GS1679 is a high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables. The GS1679 can
drive data rates up to 1.485Gb/s, and provides two selectable slew rates in order to achieve compliance to SMPTE 292M,
SMPTE 259M and SMPTE 344M.
The GS1679 accepts industry-standard differential input levels, including LVPECL and CML. The DISABLE1 and DISABLE2
pins power-down the first and second output drivers respectively, leaving the serial data output in a high-impedance state.
The GS1679 features an adjustable output swing using an external bias resistor. The single-ended output swing is adjustable
from 600mVpp to 1200mVpp. The GS1679 can be powered from either a 3.3V or a 2.5V supply. Power consumption is
typically 110mW using a 2.5V power supply.
The GS1679 is forward footprint-compatible with Gennum's 3G GS2989, allowing for an easier migration of HD designs to
3G.
Key Features
• SMPTE 292M, SMPTE 259M and SMPTE 344M
compliant
• Supports data rates from 270Mb/s to 1.485Gb/s
• Supports DVB-ASI at 270Mb/s
• Dual differential coaxial-cable-driving outputs
selectable slew rates
adjustable output swing from 600mVpp to
1200mVpp
DISABLE control
• Wide common-mode range input buffer
100mV sensitivity
Supports DC-coupling to industry-standard
differential logic
on-chip 100Ω differential data input termination
• Excellent output eye quality
• Power supply operation at 3.3V or 2.5V
• 110mW power consumption (2.5V supply)
• Operating temperature range: -40°C to +85°C
• Small footprint QFN package (4mm x 4mm)
• Pb-free and RoHS compliant
• Forward pin-compatible with Gennum's 3G GS2989
Typical Application Circuit
DDI
2
DDI
3
SDO1
12
SDO1
11
SDO2
10
SDO2
9
RSET
5
GS1679
VCC_Term
10n
GND
75R
4u7
4u7
4u7
4u7
75R
VCC_Term
VCC_Term
10n
75R
10n
GND
GND
4u7
4u7
75R
75R
75R
75R
75R
5n6*
5n6*
VCC
GND
VCC
10n
10n
GND
R*
* Typical value: varies with layout, and represents a trade-off
between good eye shape and output return loss.
5n6 is the optimum value for an 800mV output swing
and 3.3V operation.
4n7 is the optimum value for an 800mV output swing and
2.5V operation.
6n8 is the optimum value for an 1200mV output swing.
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise stated.
*Customer to choose resistor value.
5n6*
5n6*


Similar Part No. - GS1679

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com