Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCST24-Z3-5750-L1-PMU Datasheet(PDF) 7 Page - ASM GmbH

Part # PCST24-Z3-5750-L1-PMU
Description  Rod-Style Design with Analog Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST24-Z3-5750-L1-PMU Datasheet(HTML) 7 Page - ASM GmbH

Back Button PCST24-Z3-5750-L1-PMU Datasheet HTML 3Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 4Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 5Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 6Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 7Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 8Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 9Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 10Page - ASM GmbH PCST24-Z3-5750-L1-PMU Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
F
26 [1.024]
min.
*
19,8
- 0
0,1
+
.780 -0.004
+
[
]
M18x1,5
R0
,4
[.0
16
]
ma
x.
15°±1°
A
0,2[.008] A
0,1[.004] A
Einschraubloch und Einschraubzapfen
M18x1,5 nach ISO6149
* Durchmesser der
Planfläche ohne
Kennzeichnungsring
R0,1+0,1[.004+.004]
Flankendurchmesser
Ra3,2
H
Einschraubloch nach
ISO 11926-1 UN/UNF-Gewinde 2B nach
ANSI B1.1/ISO 725
Einschraubzapfen nach
ISO 11926-2 und 3
UN/UNF-Gewinde 2A nach
ANSI B1./ISO 725
Abdichtung durch O-Ring
30 [1.181]
min.
20,6
- 0
0,1
+
.811 -0.004
+
[
]
3/4-16 UNF-2B
15°1°
A
0,2 [.008] A
0,1[.004] A
R0,1+0,1[.004+.004]
R0
,4
[.0
16
]
ma
x.
Flankendurchmesser
Ra3,2
POSICHRON®
PCST
Mounting
Mountinghole
M18
Drive hole and pivot M18 x 1,5
according to ISO 6149
* Diameter of the plane
area without marking ring
Effective diameter
Drive hole according to ISO 11926-1
UN/UNF thread 2B according
to ANSI B1.1/ISO 725
Pivot according to ISO 11926-2 and 3
UN/UNF thread 2A according
to ANSI B1.1/ISO 725
Sealing by O-ring
Mountinghole
¾Zoll
Effective Diameter
Dimensions in mm [inch]
Dimensions informative only.
For guaranteed dimensions
consult factory.
Dimensions in mm [inch]
Dimensions informative only.
For guaranteed dimensions
consult factory.
DB-PCST24-E-2013-11
www.asm-sensor.com
7/21
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCST24-Z3-5750-L1-PMU

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-D8 ASM-SENSOR-PCST21-100-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-KAB3M ASM-SENSOR-PCST21-100-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-D8 ASM-SENSOR-PCST21-1000-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-KAB3M ASM-SENSOR-PCST21-1000-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
More results

Similar Description - PCST24-Z3-5750-L1-PMU

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCST25 ASM-SENSOR-PCST25 Datasheet
3Mb / 19P
   Rod-Style Design with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Endress+Hauser Group Se...
CPS71D EH-CPS71D Datasheet
462Kb / 16P
   pH single-rod measuring cells, analog or with digital Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com