Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCLAMP2512N Datasheet(PDF) 7 Page - Semtech Corporation

Part # TCLAMP2512N
Description  Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TCLAMP2512N Datasheet(HTML) 7 Page - Semtech Corporation

  TCLAMP2512N Datasheet HTML 1Page - Semtech Corporation TCLAMP2512N Datasheet HTML 2Page - Semtech Corporation TCLAMP2512N Datasheet HTML 3Page - Semtech Corporation TCLAMP2512N Datasheet HTML 4Page - Semtech Corporation TCLAMP2512N Datasheet HTML 5Page - Semtech Corporation TCLAMP2512N Datasheet HTML 6Page - Semtech Corporation TCLAMP2512N Datasheet HTML 7Page - Semtech Corporation TCLAMP2512N Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TClamp2512N & TClamp3312N
Final Datasheet
Rev 2.0
January 22, 2016
www.semtech.com
Page 7
Semtech
Marking Example
Tape and Reel Specification
DR192530-3 R0
P
P0
P2
ØD1
A0
Ø D
F
E
W
B0
K0
t
Ordering Information
Part Number
Working
Voltage
Qty per
7 Inch Reel
TClamp2512N.TCT
2.5V
3000
TClamp3312N.TCT
3.3V
3000
TransClampandTClampareregisteredtrademarksofSemtechCorporation.
2512N
YYWW
TClamp2512N
3312N
YYWW
TClamp3312N
Notes:
YW=AlphanumericcharacterDateCode
Pin1Location
User Direction of feed
Tape
Width
D
D1
E
F
K
(Max)
P
P0
P2
T
(Max)
W
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
8
1.55
±0.05
1.0
±0.25
1.75
±0.10
3.50
±0.05
2.40
4.0
±0.10
4.0
±0.10
2.00
±0.05
0.40
8.0
+0.3
−0.1


Similar Part No. - TCLAMP2512N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N.TCT SEMTECH-TCLAMP2502N.TCT Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
More results

Similar Description - TCLAMP2512N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP0882S SEMTECH-TCLAMP0882S Datasheet
4Mb / 12P
   Low Capacitance TransClamp® Surge Protection for DSL and G.Fast Interfaces
Rev 2.0 August 9, 2016
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
TEP2203-25LC RECTRON-TEP2203-25LC Datasheet
222Kb / 5P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
logo
Semtech Corporation
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
   Low Capacitance RClamp짰 Surge Protection for USB Interfaces
RCLAMP1255P SEMTECH-RCLAMP1255P Datasheet
267Kb / 10P
   Low Capacitance RClamp Surge Protection for uUSB Interfaces
TCLAMP1272S SEMTECH-TCLAMP1272S Datasheet
782Kb / 7P
   Low Capacitance TClamp Surge Protection for xDSL Interfaces
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
   Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com