Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCST25-Z3-1500-U8-P1D Datasheet(PDF) 5 Page - ASM GmbH

Part # PCST25-Z3-1500-U8-P1D
Description  Rod-Style Design with Analog Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25-Z3-1500-U8-P1D Datasheet(HTML) 5 Page - ASM GmbH

  PCST25-Z3-1500-U8-P1D Datasheet HTML 1Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 2Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 3Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 4Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 5Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 6Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 7Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 8Page - ASM GmbH PCST25-Z3-1500-U8-P1D Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
POSICHRON®
PCST25
Rod-Style Design
WithM18flange
With¾“flange
Plug-inversion
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross
sectional area 0.25 mm²
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Cable: outer diameter 5.2 mm ±0.2 mm, wire:
cross sectional area 0.25 mm²
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross
sectional area 0.25 mm²
34 [1.339]
start position
PCSTMAG
end position
PCSTMAG
2,5 [0.098]
25 [0.984]
23 [0.906]
total length A = measurement length + 97 [3.819] ( i.e. 197 [7.756])
15,75 [0.620]
M18x1,5
measurement length i.e.(100[3.937])
63 [2.480]
46 [1.811]
2
7,4
[1.
07
9]
23,8 [0.937]
total length A = measurement length + 97 [3.819] (i.e. 197 [ 7.756])
start position
PCSTMAG
end position
PCSTMAG
46 [1.811]
15,75 [.620]
23 [.906]
2,5 [.098]
25 [.984]
3/4-16 UNF - 2A
34 [1.339]
measurement length i.e.(100[3.937])
63 [2.480]
2
7,4
[1.
07
9]
26 [1.024]
F
34 [1.339]
start position
PCSTMAG
end position
PCSTMAG
measurement length (i.e. 100[3.937])
total length A = measurement length + 99 [3.898] (i.e. 199 [ 7.835])
65 [2.559]
21 [0.827]
15,75 [0.620]
48
f7
(-0,05
0,025
-
) 1.890 f7 (-
0.002
0.001
-
)
[
]
2
7,4
[1.0
79]
11,5 [0.453]
3,5 [0.138]
DB-PCST25-E-2013-11
www.asm-sensor.com
5/19
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCST25-Z3-1500-U8-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-D8 ASM-SENSOR-PCST21-100-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-KAB3M ASM-SENSOR-PCST21-100-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-D8 ASM-SENSOR-PCST21-1000-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-KAB3M ASM-SENSOR-PCST21-1000-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
More results

Similar Description - PCST25-Z3-1500-U8-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Endress+Hauser Group Se...
CPS71D EH-CPS71D Datasheet
462Kb / 16P
   pH single-rod measuring cells, analog or with digital Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com